Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89856UMGTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY89856UMGTR
Description  2GHz, Low-Power, 1:6 LVPECL Fanout Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89856UMGTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89856UMGTR Datasheet HTML 1Page - Micrel Semiconductor SY89856UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY89856UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY89856UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89856UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89856UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89856UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY89856UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY89856UMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SY89856U
2GHz, Low-Power, 1:6 LVPECL Fanout Buffer
with 2:1 Input MUX and Internal Termination
Precision Edge is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
August 2007
M9999-082907-C
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY89856U is a 2.5V/3.3V precision, high-speed,
1:6 fanout capable of handling clocks up to 2.0GHz. A
differential 2:1 MUX input is included for redundant
clock switchover applications.
The differential input includes Micrel’s unique, 3-pin
input termination architecture that allows the device to
interface to any differential signal (AC- or DC-coupled)
as small as 100mV (200mVpp) without any level
shifting or termination resistor networks in the signal
path. The outputs are LVPECL (100k, temperature
compensated), with extremely fast rise/fall times
guaranteed to be less than 200ps.
The SY89856U operates from a 2.5V ±5% supply or a
3.3V ±10% supply and is guaranteed over the full
industrial temperature range of –40°C to +85°C. The
SY89856U is part of Micrel’s high-speed, Precision
Edge
® product line.
All support documentation can be found on Micrel’s
web site at: www.micrel.com.
Functional Block Diagram
Precision Edge
®
Features
• 6 ultra-low skew copies of the selected input
• 2:1 MUX input included for clock switchover
applications
• Low power: 225mW typical (2.5V)
• 2.5V to 3.3V supply voltage
• Unique input isolation design minimizes crosstalk
• Guaranteed AC performance over temperature and
voltage:
– Clock frequency range: DC to >2.0GHz
– <400ps IN-to-OUT tpd
– <200ps tr/tf times
– <30ps skew (output-to-output)
• Ultra-low jitter design:
– <1psRMS random jitter
– <10psPP total jitter (clock)
– <1psRMS cycle-to-cycle jitter
– <0.7psRMS crosstalk-induced jitter
• Unique input termination and VT pin accepts DC-
and AC-coupled inputs (CML, PECL, LVDS)
• 100k LVPECL compatible output swing
• –40°C to +85°C industrial temperature range
• Available in 32-pin (5mm x 5mm) QFN package
Applications
• Redundant clock distribution
• All SONET/SDH clock/data distribution
• All Fibre Channel distribution
• All Gigabit Ethernet clock distribution
Markets
• LAN/WAN
• Enterprise servers
• ATE
• Test and measurement


Similar Part No. - SY89856UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89856UMGTR MICREL-SY89856UMGTR Datasheet
366Kb / 11P
   2GHz, Low-Power, 1:6 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
More results

Similar Description - SY89856UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89856U MICREL-SY89856U Datasheet
366Kb / 11P
   2GHz, Low-Power, 1:6 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
logo
Diodes Incorporated
PI6C5912006 DIODES-PI6C5912006 Datasheet
1Mb / 12P
   6 Output LVPECL Fanout Buffer
logo
Integrated Device Techn...
8538-31 IDT-8538-31 Datasheet
226Kb / 14P
   LVPECL Fanout Buffer
logo
Renesas Technology Corp
IDT8T53S111I RENESAS-IDT8T53S111I Datasheet
841Kb / 19P
   1:10 LVPECL Output Fanout Buffer
2019
logo
Integrated Device Techn...
853S024 IDT-853S024_11 Datasheet
900Kb / 19P
   LVPECL Fanout Buffer
ICS8535-31 IDT-ICS8535-31 Datasheet
272Kb / 15P
   LVPECL FANOUT BUFFER
ICS85314I-11 IDT-ICS85314I-11 Datasheet
459Kb / 21P
   LVPECL Fanout Buffer
ICS8535I-31 IDT-ICS8535I-31_10 Datasheet
847Kb / 15P
   LVPECL Fanout Buffer
ICS8535-01 IDT-ICS8535-01 Datasheet
424Kb / 18P
   LVPECL Fanout Buffer
logo
ON Semiconductor
NB7L14 ONSEMI-NB7L14_15 Datasheet
148Kb / 12P
   Differential 1:4 LVPECL Fanout Buffer
July, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com