Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89856UMGTR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89856UMGTR
Description  2GHz, Low-Power, 1:6 LVPECL Fanout Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89856UMGTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89856UMGTR Datasheet HTML 1Page - Micrel Semiconductor SY89856UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY89856UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY89856UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89856UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89856UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89856UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY89856UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY89856UMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Micrel, Inc.
SY89856U
August 2007
2
M9999-082907-C
hbwhelp@micrel.com or (408) 955-1690
Ordering Information
(1)
Part Number
Package
Type
Operating
Range
Package Marking
Lead
Finish
SY89856UMG
QFN-32
Industrial
SY89856U with Pb-Free bar-line indicator
NiPdAu
Pb-Free
SY89856UMGTR
(2)
QFN-32
Industrial
SY89856U with Pb-Free bar-line indicator
NiPdAu
Pb-Free
Notes:
1. Contact factory for die availability. Dice are guaranteed at TA = 25°C, DC Electricals only.
2. Tape and Reel.
Pin Configuration
32-Pin QFN


Similar Part No. - SY89856UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89856UMGTR MICREL-SY89856UMGTR Datasheet
366Kb / 11P
   2GHz, Low-Power, 1:6 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
More results

Similar Description - SY89856UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89856U MICREL-SY89856U Datasheet
366Kb / 11P
   2GHz, Low-Power, 1:6 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
logo
Diodes Incorporated
PI6C5912006 DIODES-PI6C5912006 Datasheet
1Mb / 12P
   6 Output LVPECL Fanout Buffer
logo
Integrated Device Techn...
8538-31 IDT-8538-31 Datasheet
226Kb / 14P
   LVPECL Fanout Buffer
logo
Renesas Technology Corp
IDT8T53S111I RENESAS-IDT8T53S111I Datasheet
841Kb / 19P
   1:10 LVPECL Output Fanout Buffer
2019
logo
Integrated Device Techn...
853S024 IDT-853S024_11 Datasheet
900Kb / 19P
   LVPECL Fanout Buffer
ICS8535-31 IDT-ICS8535-31 Datasheet
272Kb / 15P
   LVPECL FANOUT BUFFER
ICS85314I-11 IDT-ICS85314I-11 Datasheet
459Kb / 21P
   LVPECL Fanout Buffer
ICS8535I-31 IDT-ICS8535I-31_10 Datasheet
847Kb / 15P
   LVPECL Fanout Buffer
ICS8535-01 IDT-ICS8535-01 Datasheet
424Kb / 18P
   LVPECL Fanout Buffer
logo
ON Semiconductor
NB7L14 ONSEMI-NB7L14_15 Datasheet
148Kb / 12P
   Differential 1:4 LVPECL Fanout Buffer
July, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com