Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89856U Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY89856U
Description  2GHz, Low-Power, 1:6 LVPECL Fanout Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89856U Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89856U Datasheet HTML 1Page - Micrel Semiconductor SY89856U Datasheet HTML 2Page - Micrel Semiconductor SY89856U Datasheet HTML 3Page - Micrel Semiconductor SY89856U Datasheet HTML 4Page - Micrel Semiconductor SY89856U Datasheet HTML 5Page - Micrel Semiconductor SY89856U Datasheet HTML 6Page - Micrel Semiconductor SY89856U Datasheet HTML 7Page - Micrel Semiconductor SY89856U Datasheet HTML 8Page - Micrel Semiconductor SY89856U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micrel, Inc.
SY89856U
August 2007
4
M9999-082907-C
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VCC) ..........................–0.5V to +4.0V
Input Voltage (VIN) ..................................–0.5V to VCC
LVPECL Output Current (IOUT)
Continuous ................................................. 50mA
Surge........................................................ 100mA
Termination Current
Source or sink current on VT .................. ±100mA
VREF-AC Source or sink current………… ......... ±2.0mA
Lead Temperature (soldering, 20 sec.) ..........+260°C
Storage Temperature (Ts)..................–65°C to 150°C
Operating Ratings
(2)
Supply Voltage (VCC).................. +2.375V to +2.625V
..................................................... +3.0V to +3.6V
Ambient Temperature (TA) ................ –40°C to +85°C
Package Thermal Resistance
(3)
QFN (
θJA)
Still-Air .....................................................35°C/W
QFN (
ψJB)
Junction-to-Board ....................................16°C/W
DC Electrical Characteristics
(4)
TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
2.375
2.5
2.625
V
VCC
Power Supply Voltage
3.0
3.3
3.6
V
ICC
Power Supply Current
No load, max VCC.
90
140
mA
RIN
Input Resistance
(IN-to-VT)
45
50
55
Ω
RDIFF_IN
Differential Input Resistance
(IN-to-/IN)
90
100
110
Ω
VIH
Input High Voltage
(IN, /IN)
Note 5
VIH–1.6
VCC
V
VIL
Input Low Voltage
(IN, /IN)
0
VIH–0.1
V
VIN
Input Voltage Swing
(IN, /IN)
See Figure 1a.
0.1
1.7
V
VDIFF_IN
Differential Input Voltage Swing
|IN-/IN|
See Figure 1b.
0.2
V
VT_IN
IN-to-VT
(IN, /IN)
1.28
V
VREF-AC
Output Reference Voltage
VCC–1.3
VCC–1.2
VCC–1.1
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is
not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to an absolute maximum ratings
for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the devices most negative potential on the PCB.
θJA and
ψJB values are determined for a 4-layer board in still air, unless otherwise stated.
4. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
5. VIH (min) not lower than 1.2V.


Similar Part No. - SY89856U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89856U MICREL-SY89856U Datasheet
366Kb / 11P
   2GHz, Low-Power, 1:6 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89856UMG MICREL-SY89856UMG Datasheet
366Kb / 11P
   2GHz, Low-Power, 1:6 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89856UMGTR MICREL-SY89856UMGTR Datasheet
366Kb / 11P
   2GHz, Low-Power, 1:6 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
More results

Similar Description - SY89856U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89856U MICREL-SY89856U Datasheet
366Kb / 11P
   2GHz, Low-Power, 1:6 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
logo
Diodes Incorporated
PI6C5912006 DIODES-PI6C5912006 Datasheet
1Mb / 12P
   6 Output LVPECL Fanout Buffer
logo
Integrated Device Techn...
8538-31 IDT-8538-31 Datasheet
226Kb / 14P
   LVPECL Fanout Buffer
logo
Renesas Technology Corp
IDT8T53S111I RENESAS-IDT8T53S111I Datasheet
841Kb / 19P
   1:10 LVPECL Output Fanout Buffer
2019
logo
Integrated Device Techn...
853S024 IDT-853S024_11 Datasheet
900Kb / 19P
   LVPECL Fanout Buffer
ICS8535-31 IDT-ICS8535-31 Datasheet
272Kb / 15P
   LVPECL FANOUT BUFFER
ICS85314I-11 IDT-ICS85314I-11 Datasheet
459Kb / 21P
   LVPECL Fanout Buffer
ICS8535I-31 IDT-ICS8535I-31_10 Datasheet
847Kb / 15P
   LVPECL Fanout Buffer
ICS8535-01 IDT-ICS8535-01 Datasheet
424Kb / 18P
   LVPECL Fanout Buffer
logo
ON Semiconductor
NB7L14 ONSEMI-NB7L14_15 Datasheet
148Kb / 12P
   Differential 1:4 LVPECL Fanout Buffer
July, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com