Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89853U Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY89853U
Description  Precision Low-Power Dual 2:1 LVPECL MUX
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89853U Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY89853U Datasheet HTML 1Page - Micrel Semiconductor SY89853U Datasheet HTML 2Page - Micrel Semiconductor SY89853U Datasheet HTML 3Page - Micrel Semiconductor SY89853U Datasheet HTML 4Page - Micrel Semiconductor SY89853U Datasheet HTML 5Page - Micrel Semiconductor SY89853U Datasheet HTML 6Page - Micrel Semiconductor SY89853U Datasheet HTML 7Page - Micrel Semiconductor SY89853U Datasheet HTML 8Page - Micrel Semiconductor SY89853U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Micrel, Inc.
SY89853U
August 2007
5
M9999-082907-C
hbwhelp@micrel.com or (408) 955-1690
LVPECL Outputs DC Electrical Characteristics
(5)
VCC = 2.5V ±5% or 3.3V ±10%; RL = 50
Ω to V
CC–2V; TA = –40°C to +85°C, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output High Voltage
(Q, /Q)
VCC–1.145
VCC–0.895
V
VOL
Output Low Voltage
(Q, /Q)
VCC–1.945
VCC–1.695
V
VOUT
Output Voltage Swing
(Q, /Q)
See Figure 1a.
400
800
mV
VDIFF-OUT
Differential Output Voltage Swing
(Q, /Q)
See Figure 1b.
800
1600
mV
LVTTL/CMOS DC Electrical Characteristics
(5)
VCC = 2.5V ±5% or 3.3V ±10%; TA = –40°C to +85°C, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
Input High Voltage
2.0
V
VIL
Input Low Voltage
0.8
V
IIH
Input High Current
VIN = VCC
75
µA
IIL
Input Low Current
VIN = 0.5V
–300
µA
Notes:
5. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.


Similar Part No. - SY89853U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89853U MICREL-SY89853U Datasheet
578Kb / 13P
   Precision Low-Power Dual 2:1 LVPECL MUX with Internal Termination
SY89853UMG MICREL-SY89853UMG Datasheet
578Kb / 13P
   Precision Low-Power Dual 2:1 LVPECL MUX with Internal Termination
SY89853UMGTR MICREL-SY89853UMGTR Datasheet
578Kb / 13P
   Precision Low-Power Dual 2:1 LVPECL MUX with Internal Termination
More results

Similar Description - SY89853U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89853U MICREL-SY89853U Datasheet
578Kb / 13P
   Precision Low-Power Dual 2:1 LVPECL MUX with Internal Termination
SY58610U MICREL-SY58610U_10 Datasheet
716Kb / 14P
   3.2Gbps Precision, LVPECL 2:1 MUX with
SY89852U MICREL-SY89852U Datasheet
546Kb / 13P
   Precision Low Power Differential 2:1 LVPECL MUX with Internal Termination
SY58026U_0708 MICREL-SY58026U_0708 Datasheet
173Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58026U MICREL-SY58026U Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58027U_0708 MICREL-SY58027U_0708 Datasheet
154Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58027U MICREL-SY58027U Datasheet
164Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY89859U MICREL-SY89859U Datasheet
540Kb / 13P
   Precision Low-Power 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY89855U MICREL-SY89855U Datasheet
578Kb / 13P
   Precision Low Power Differential LVPECL 4:1 MUX with 1:2 Fanout and Internal Termination
SY58029U_0708 MICREL-SY58029U_0708 Datasheet
206Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com