Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89850UMGTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY89850UMGTR
Description  Precision Low-Power LVPECL Line
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89850UMGTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89850UMGTR Datasheet HTML 1Page - Micrel Semiconductor SY89850UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY89850UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY89850UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89850UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89850UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89850UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY89850UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY89850UMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SY89850U
Precision Low-Power LVPECL Line
Driver/Receiver with Internal Termination
Precision Edge is a registered trademark of Micrel, Inc.
August 2007
M9999-083007-B
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY89850U is a 2.5V/3.3V precision, high-speed,
differential receiver capable of handling clocks up to
4GHz and data streams up to 3.2Gbps.
The differential input includes Micrel's unique, 3-pin
input termination architecture that allows users to
interface to any differential signal (AC or DC-coupled)
as small as 100mV (200mVPP) without any level
shifting or termination resistor networks in the signal
path. The outputs are 800mV LVPECL, with extremely
fast rise/fall times guaranteed to be less than 160ps.
The SY89850U operates from a 2.5V ±5% supply or a
3.3V ±10% supply and is guaranteed over the full
industrial temperature range of –40°C to +85°C. The
SY89850U is part of Micrel's high-speed, Precision
Edge
® product line.
All support documentation can be found on Micrel's
web site at www.micrel.com.
Typical Application
Precision Edge
®
Features
• Guaranteed AC performance over temperature
and supply voltage:
– DC- to > 3.2Gbps data rate throughput
– 4GHz clock fMAX (typ.)
– <280ps In-to-Out tpd
– <160ps tr/tf
• Low power: 50mW (2.5V typ.)
• Ultra-low jitter design:
– <1psRMS random jitter
– <10psPP deterministic jitter
– <10psPP total jitter (clock)
• Unique input termination and VT pin accepts DC-
and AC-coupled inputs (CML, PECL, LVDS)
• Typical 800mV (100k) LVPECL Output Swing
• Power supply 2.5V ±5% or 3.3V ±10%
• Industrial temperature range –40°C to +85°C
• Available in ultra-small (2mm x 2mm) 8-pin DFN
package
Applications
• Backplane buffering
• OC-12 to OC-192 SONET/SDN clock/data
distribution
• All Gigabit Ethernet clock or data distribution
• Fibre Channel distribution
Markets
• LAN/WAN
• Enterprise servers
• ATE
• Test and measurement


Similar Part No. - SY89850UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89850UMGTR MICREL-SY89850UMGTR Datasheet
561Kb / 10P
   Precision Low-Power LVPECL Line Driver/Receiver with Internal Termination
More results

Similar Description - SY89850UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89850U MICREL-SY89850U Datasheet
561Kb / 10P
   Precision Low-Power LVPECL Line Driver/Receiver with Internal Termination
SY89858U MICREL-SY89858U_10 Datasheet
583Kb / 10P
   Precision Low Power 1:8 LVPECL
SY89854U MICREL-SY89854U_10 Datasheet
520Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout
SY89855U MICREL-SY89855U_10 Datasheet
565Kb / 13P
   Precision Low Power Differential LVPECL 4:1
logo
EUROQUARTZ limited
EMEM1102 EUROQUARTZ-EMEM1102 Datasheet
428Kb / 4P
   Low Jitter Precision LVPECL Oscillator
logo
Microchip Technology
DSC1102 MICROCHIP-DSC1102 Datasheet
1Mb / 28P
   Low-Jitter Precision LVPECL Oscillator
05/14/19
logo
Micrel Semiconductor
DSC1102 MICREL-DSC1102 Datasheet
599Kb / 7P
   Low-Jitter Precision LVPECL Oscillator
SY89853U MICREL-SY89853U_10 Datasheet
577Kb / 13P
   Precision Low-Power Dual 2:1 LVPECL MUX
SY58602U MICREL-SY58602U Datasheet
667Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL LINE DRIVER/RECEIVER
SY58601U MICREL-SY58601U Datasheet
133Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL 800mV LVPECL LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com