Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89843U Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY89843U
Description  Precision LVPECL Runt Pulse Eliminator 2:1
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89843U Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY89843U Datasheet HTML 3Page - Micrel Semiconductor SY89843U Datasheet HTML 4Page - Micrel Semiconductor SY89843U Datasheet HTML 5Page - Micrel Semiconductor SY89843U Datasheet HTML 6Page - Micrel Semiconductor SY89843U Datasheet HTML 7Page - Micrel Semiconductor SY89843U Datasheet HTML 8Page - Micrel Semiconductor SY89843U Datasheet HTML 9Page - Micrel Semiconductor SY89843U Datasheet HTML 10Page - Micrel Semiconductor SY89843U Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Micrel, Inc.
SY89843U
May 2007
7
M9999-052207-B
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
(7)
VCC = 2.5V ±5% or 3.3V ±10%, RL = 50
Ω to V
CC–2V; TA = –40°C to + 85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Operating Frequency
VOUT
≥ 400mV
1.5
2.0
GHz
tpd
Differential Propagation Delay In-to-Q
In-to-Q
SEL-to-Q
SEL-to-Q
100mV
< V
IN
≤ 200mV(8, 9)
480
600
880
ps
200mV
< V
IN
≤ 800mV(8, 9)
430
575
780
ps
RPE enabled, see Timing Diagram
17
cycles
RPE disabled (VSEL = VCC/2)
550
900
ps
tpd
Tempco
Differential Propagation Delay
Temperature Coefficient
410
fs/
oC
tSKEW
Output-to-Output Skew
Within device
(10)
20
ps
Part-to-Part Skew
Note 11
200
ps
tJITTER
Clock
Random Jitter
Cycle-to-Cycle Jitter
Total Jitter
Crosstalk-induced Jitter
Note 12
1
psRMS
Note 13
1
psRMS
Note 14
10
psPP
Note 15
0.7
psRMS
tr, tf
Output Rise/Fall Time (20% to 80%)
At full output swing.
70
190
ps
Notes:
7.
High-frequency AC-parameters are guaranteed by design and characterization.
8.
Propagation delay is measured with input tr, tf
≤ 300ps (20% to 80%) and V
IL
≥ 800mV.
9.
Propagation delay is a function of the rise and fall times at IN. See “Typical Operating Characteristics” for details.
10. Output-to-output skew is measured between two different outputs under identical conditions.
11. Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and with no skew of the edges at
the respective inputs.
12. Random jitter is measured with a K28.7 character pattern, measured at <fMAX.
13. Cycle-to-cycle jitter definition: The variation of periods between adjacent cycles, Tn – Tn-1 where T is the time between rising edges of the
output signal.
14. Total jitter definition: with an ideal clock input of frequency <fMAX, no more than one output edge in 10
12 output edges will deviate by more
than the specified peak-to-peak jitter value.
15. Crosstalk is measured at the output while applying two similar differential clock frequencies that are asynchronous with respect to each
other at the inputs.


Similar Part No. - SY89843U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89843U MICREL-SY89843U Datasheet
745Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY89843UMG MICREL-SY89843UMG Datasheet
745Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY89843UMGTR MICREL-SY89843UMGTR Datasheet
745Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
More results

Similar Description - SY89843U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89840U MICREL-SY89840U_10 Datasheet
616Kb / 15P
   Precision LVPECL Runt Pulse Eliminator 2:1
SY89840U MICREL-SY89840U Datasheet
1Mb / 15P
   Precision LVPECL Runt Pulse Eliminator 2:1 Multiplexer
SY89844U MICREL-SY89844U_10 Datasheet
596Kb / 18P
   Precision LVDS Runt Pulse Eliminator 2:1
SY89842U MICREL-SY89842U_10 Datasheet
660Kb / 16P
   Precision CML Runt Pulse Eliminator 2:1
SY89841U MICREL-SY89841U Datasheet
1Mb / 15P
   Precision LVDS Runt Pulse Eliminator 2:1 Multiplexer
SY89845U MICREL-SY89845U_10 Datasheet
602Kb / 18P
   Precision CML Runt Pulse Eliminator 2:1 MUX
SY89842U MICREL-SY89842U Datasheet
668Kb / 16P
   Precision CML Runt Pulse Eliminator 2:1 Multiplexer
SY89837U MICREL-SY89837U Datasheet
183Kb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89464 MICREL-SY89464 Datasheet
1Mb / 10P
   Precision LVPECL/LVDS Runt Pulse Eliminator 1:10 Fanout Buffer with 2:1 MUX
SY89843U MICREL-SY89843U Datasheet
745Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com