Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89838U Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY89838U
Description  Precision 1:8 LVDS Clock Fanout Buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89838U Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY89838U_10 Datasheet HTML 1Page - Micrel Semiconductor SY89838U_10 Datasheet HTML 2Page - Micrel Semiconductor SY89838U_10 Datasheet HTML 3Page - Micrel Semiconductor SY89838U_10 Datasheet HTML 4Page - Micrel Semiconductor SY89838U_10 Datasheet HTML 5Page - Micrel Semiconductor SY89838U_10 Datasheet HTML 6Page - Micrel Semiconductor SY89838U_10 Datasheet HTML 7Page - Micrel Semiconductor SY89838U_10 Datasheet HTML 8Page - Micrel Semiconductor SY89838U_10 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Micrel, Inc.
SY89838U
May 2008
M9999-051308-D
hbwhelp@micrel.com or (408) 955-1690
3
Ordering Information
(1)
Part Number
Package
Type
Operating
Range
Package Marking
Lead
Finish
SY89838UMG
QFN-32
Industrial
SY89838U with bar line
Pb-Free indicator
NiPdAu
Pb-Free
SY89838UMGTR
(2)
QFN-32
Industrial
SY89838U with bar line
Pb-Free indicator
NiPdAu
Pb-Free
Notes:
1. Contact factory for die availability. Dice are guaranteed at TA = +25°C, DC Electrical only.
2. Tape and Reel.
Pin Configuration
32-Pin QFN


Similar Part No. - SY89838U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89838UMG MICREL-SY89838UMG Datasheet
417Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer with 2:1 Runt Pulse Eliminator Input MUX
SY89838UMGTR MICREL-SY89838UMGTR Datasheet
417Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer with 2:1 Runt Pulse Eliminator Input MUX
More results

Similar Description - SY89838U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89200U MICREL-SY89200U_10 Datasheet
493Kb / 11P
   Ultra-Precision 1:8 LVDS Fanout Buffer
logo
Cypress Semiconductor
CY2DP818 CYPRESS-CY2DP818_12 Datasheet
414Kb / 13P
   1:8 Clock Fanout Buffer
CY2DL818 CYPRESS-CY2DL818 Datasheet
113Kb / 8P
   1:8 Clock Fanout Buffer
CY2DP818-2 CYPRESS-CY2DP818-2_08 Datasheet
410Kb / 9P
   1:8 Clock Fanout Buffer
CY2DP818 CYPRESS-CY2DP818 Datasheet
92Kb / 8P
   1:8 Clock Fanout Buffer
CY2DP818-2 CYPRESS-CY2DP818-2 Datasheet
132Kb / 8P
   1:8 Clock Fanout Buffer
logo
Renesas Technology Corp
IDT8SLVD1208-33I RENESAS-IDT8SLVD1208-33I Datasheet
747Kb / 22P
   1:8, LVDS Output Fanout Buffer
FEBRUARY 12, 2014
IDT8SLVD1208I RENESAS-IDT8SLVD1208I Datasheet
656Kb / 21P
   1:8, LVDS Output Fanout Buffer
MAY 1, 2013
logo
Micrel Semiconductor
SY58608U MICREL-SY58608U_10 Datasheet
677Kb / 12P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer
logo
Renesas Technology Corp
8T349316 RENESAS-8T349316 Datasheet
598Kb / 20P
   2.5V LVDS 1:16 Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com