Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89540UMITR Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY89540UMITR
Description  Precision Low Jitter 4x4 LVDS Crosspoint
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89540UMITR Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY89540UMITR Datasheet HTML 4Page - Micrel Semiconductor SY89540UMITR Datasheet HTML 5Page - Micrel Semiconductor SY89540UMITR Datasheet HTML 6Page - Micrel Semiconductor SY89540UMITR Datasheet HTML 7Page - Micrel Semiconductor SY89540UMITR Datasheet HTML 8Page - Micrel Semiconductor SY89540UMITR Datasheet HTML 9Page - Micrel Semiconductor SY89540UMITR Datasheet HTML 10Page - Micrel Semiconductor SY89540UMITR Datasheet HTML 11Page - Micrel Semiconductor SY89540UMITR Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Micrel, Inc.
SY89540U
December 2007
M9999-120607-C
hbwhelp@micrel.com or (408) 955-1690
8
AC Electrical Characteristics
(7)
VCC = 2.5V ±5%, TA = –40°C to +85°C, RL = 100Ω across each output pair, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Operating Frequency
NRZ Data
3.2
4
Gbps
tPD
Propagation Delay
Clock, VOUT ≥200mV
4
GHz
IN-to-Q
280
380
480
CONFIG-to-Q
350
800
tPD
Tempco
160
fs/°C
tS
Set-up Time
SIN-to-LOAD
SOUT-to-LOAD
LOAD-to-CONFIG
CONFIG-to-LOAD
800
800
800
950
ps
th
Hold Time
LOAD-to-SIN, LOAD-to-SOUT
800
ps
tPW
Minimum LOAD and CONFIG
Pulse Width
800
ps
tSKEW
Output-to-Output Skew
Part-to-Part Skew
Note 8
Note 9
30
150
ps
ps
tJITTER
Data
Random Jitter (RJ)
Deterministic Jitter (DJ)
Note 10
Note 11
1
10
psRMS
psPP
Clock
Cycle-to-Cycle Jitter
Total Jitter (TJ)
Note 12
Note 13
1
psRMS
psPP
Crosstalk-Induced Jitter
Note 14
0.7
psRMS
tr, tr
Rise/Fall Times
At full output swing (20% to 80%)
40
80
120
ps
Notes:
7.
High frequency AC-parameters are guaranteed by design and characterization.
8.
Output to output skew is measured between two different outputs under identical transitions. Input voltage swing is
≥100mV.
9.
Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and with no skew
of the edges at the respective inputs.
10. RJ is measured with a K28.7 comma detect character pattern, measured at 2.5Gbps/3.2Gbps.
11. DJ is measured at 2.5Gbps/3.2Gpbs, with both K28.5 and 2
23–1 PRBS pattern
12. Cycle-to-cycle jitter definition: The variation of periods between adjacent cycles, Tn –Tn-1 where T is the time between
rising edges of the output signal.
13. TJ definition: with an ideal clock input of frequency < fMAX, no more than one output edge in 10
12 output edges will deviate
by more than the specified peak-to-peak jitter value.
14. Crosstalk induced jitter is defined as the added jitter that results from signals applied to two adjacent channels. It is
measured at the output while applying two similar, differential clock frequencies that are asynchronous with respect to
each other at the inputs.


Similar Part No. - SY89540UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89540UMITR MICREL-SY89540UMITR Datasheet
775Kb / 13P
   Precision Low Jitter 4x4 LVDS Crosspoint Switch with Internal Termination
More results

Similar Description - SY89540UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89540U MICREL-SY89540U Datasheet
775Kb / 13P
   Precision Low Jitter 4x4 LVDS Crosspoint Switch with Internal Termination
logo
Texas Instruments
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125A TI1-SN65LVDT125A_14 Datasheet
824Kb / 21P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125DBT TI-SN65LVDT125DBT Datasheet
250Kb / 16P
[Old version datasheet]   LVDS 4X4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250 Datasheet
355Kb / 16P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com