Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89544UMGTR Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY89544UMGTR
Description  2.5V, 3.2Gbps, DIFFERENTIAL 4:1
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89544UMGTR Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY89544UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY89544UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY89544UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89544UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89544UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89544UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY89544UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY89544UMGTR Datasheet HTML 9Page - Micrel Semiconductor SY89544UMGTR Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Precision Edge®
SY89544U
Micrel, Inc.
M9999-082407
hbwhelp@micrel.com or (408) 955-1690
OUTPUT INTERFACE APPLICATIONS
LVDS specifies a small swing of 350mV typical, on a
nominal 1.25V common mode above ground. The common
mode voltage has tight limits to permit large variations in
ground between an LVDS driver and receiver. Also, change
in common mode voltage, as a function of data input, is
kept to a minimum, to keep EMI low.
100Ω
VOUT
GND
VOH, VOL
VOH, VOL
Figure 5a. LVDS Differential Measurement
GND
VOCM,
∆VOCM
50Ω
50Ω
Figure 5b. LVDS Common Mode Measurement
Part Number
Function
Data Sheet Link
SY89542U
2.5 V, 3.2Gbps Dual, Differential 2:1 LVDS
http://www.micrel.com/_pdf/HBW/sy89542u.pdf
Multiplexer with Internal Input Termination
SY89543L
3.3V, 3.2Gbps Dual, Differential 2:1 LVDS
http://www.micrel.com/_pdf/HBW/sy89543l.pdf
Multiplexer with Internal Input Termination
SY89545L
3.3V, 3.2Gbps 4:1 LVDS Multiplexer with Internal
http://www.micrel.com/_pdf/HBW/sy89545l.pdf
Input Termination
SY89546U
2.5V 3.2Gbps, Differential 4:1 LVDS Multiplexer
http://www.micrel.com/_pdf/HBW/sy89546u.pdf
with 1:2 Fanout and Internal Input Termination
SY89547L
3.3V 3.2Gbps, Differential 4:1 LVDS Multiplexer
http://www.micrel.com/_pdf/HBW/sy89547l.pdf
with 1:2 Fanout and Internal Input Termination
MLF® Application Note
www.amkor.com/products/notes_papers/MLF_AppNote_0902.pdf
HBW Solutions
New Products and Applications
www.micrel.com/product-info/products/solutions.shtml
RELATED MICREL PRODUCTS AND SUPPORT DOCUMENTATION


Similar Part No. - SY89544UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89544UMGTR MICREL-SY89544UMGTR Datasheet
311Kb / 10P
   2.5V, 3.2Gbps, DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH INTERNAL INPUT TERMINATION
More results

Similar Description - SY89544UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89546U MICREL-SY89546U_11 Datasheet
787Kb / 14P
   2.5V, 3.2Gbps Differential 4:1 LVDS
SY89544U MICREL-SY89544U Datasheet
311Kb / 10P
   2.5V, 3.2Gbps, DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH INTERNAL INPUT TERMINATION
SY89546U MICREL-SY89546U_08 Datasheet
161Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89546U MICREL-SY89546U Datasheet
184Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89542U MICREL-SY89542U_07 Datasheet
346Kb / 10P
   2.5V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
SY89545L MICREL-SY89545L_08 Datasheet
165Kb / 10P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
SY89545L MICREL-SY89545L Datasheet
160Kb / 10P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
SY89547L MICREL-SY89547L Datasheet
685Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY89547L MICREL-SY89547L_09 Datasheet
218Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY54020AR MICREL-SY54020AR Datasheet
552Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN 3.2Gbps, 3.2GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com