Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89540U Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY89540U
Description  Precision Low Jitter 4x4 LVDS Crosspoint
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89540U Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89540U Datasheet HTML 1Page - Micrel Semiconductor SY89540U Datasheet HTML 2Page - Micrel Semiconductor SY89540U Datasheet HTML 3Page - Micrel Semiconductor SY89540U Datasheet HTML 4Page - Micrel Semiconductor SY89540U Datasheet HTML 5Page - Micrel Semiconductor SY89540U Datasheet HTML 6Page - Micrel Semiconductor SY89540U Datasheet HTML 7Page - Micrel Semiconductor SY89540U Datasheet HTML 8Page - Micrel Semiconductor SY89540U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Micrel, Inc.
SY89540U
December 2007
M9999-120607-C
hbwhelp@micrel.com or (408) 955-1690
4
Pin Description
Pin Number
Pin Name
Pin Function
17, 15,
10, 8
4, 2
41, 39
IN0, /IN0,
IN1, /IN1,
IN2, /IN2,
IN3, /IN3
Differential Inputs: These input pairs are the differential signal inputs to the
device. Inputs accept AC- or DC-coupled signals as small as 100mV. Each pin
of a pair internally terminates to a VT pin through 50Ω. Note that these inputs
will default to an indeterminate state if left open. Please refer to the "Input
Interface Applications" section for more details.
16, 9,
3, 40
VT0, VT1,
VT2, VT3
Input Termination Center-Tap: Each side of the differential input pair terminates
to a VT pin. The VT pins provide a center-tap to a termination network for
maximum interface flexibility. See "Input Interface Applications" section for more
details.
14,
11,
1,
42
VREF_AC0,
VREF_AC1,
VREF_AC2,
VREF_AC3
Reference Voltage: This output biases to VCC–1.2V. It is used when AC-
coupling the inputs (IN, /IN). Connect VREF_AC to the VT pin. Bypass each
VREF-AC pin with a 0.01
μF low ESR capacitor. See "Input Interface
Applications" section for more details.
18, 19
SIN0,
SIN1
These single-ended TTL/CMOS-compatible inputs address the data inputs.
Note that these inputs are internally connected to a 25kΩ pull-up resistor and
will default to a logic HIGH state if left open.
38, 37
SOUT0,
SOUT1
These single-ended TTL/CMOS-compatible inputs address the data outputs.
Note that these inputs are internally connected to a 25kΩ pull-up resistor and
will default to logic HIGH state if left open.
5, 7
CONF,
LOAD
These single-ended TTL/CMOS-compatible inputs control the transfer of the
addresses to the internal multiplexers. See "Address Tables" and "Timing
Diagram" sections for more details. Note that these inputs are internally
connected to a 25kΩ pull-up resistor and will default to logic HIGH state if left
open.
Configuration Sequence
1. Load: Loads configuration into buffer, while Configuration Buffer holds
existing switch configuration.
2. Configuration: Loads new configuration into the Configuration Buffer and
updates switch configuration.
Buffer Mode
The SY89540U defaults to buffer mode (IN to Q) if the load and configuration
control signals are not exercised.
23, 24,
26, 27,
29, 30,
32, 33
Q0, /Q0,
Q1, /Q1,
Q2, /Q2,
Q3, /Q3,
Differential Outputs: These LVDS output pairs are the outputs of the device.
Please refer to the truth table below for details. Unused output pairs may be left
open. Each output is designed to drive 350mV into 100Ω across the pair.
6, 22, 25,
28, 31, 34
VCC
Positive power supply. Bypass with 0.1
μF//0.01μF low ESR capacitors and
place as close to each VCC pin.
12, 13, 20,
21,35, 36,
43, 44
GND,
Exposed pad
Ground. GND and EPad must both be connected to the same ground.


Similar Part No. - SY89540U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89540U MICREL-SY89540U Datasheet
775Kb / 13P
   Precision Low Jitter 4x4 LVDS Crosspoint Switch with Internal Termination
SY89540UMG MICREL-SY89540UMG Datasheet
775Kb / 13P
   Precision Low Jitter 4x4 LVDS Crosspoint Switch with Internal Termination
SY89540UMGTR MICREL-SY89540UMGTR Datasheet
775Kb / 13P
   Precision Low Jitter 4x4 LVDS Crosspoint Switch with Internal Termination
SY89540UMI MICREL-SY89540UMI Datasheet
775Kb / 13P
   Precision Low Jitter 4x4 LVDS Crosspoint Switch with Internal Termination
SY89540UMITR MICREL-SY89540UMITR Datasheet
775Kb / 13P
   Precision Low Jitter 4x4 LVDS Crosspoint Switch with Internal Termination
More results

Similar Description - SY89540U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89540U MICREL-SY89540U Datasheet
775Kb / 13P
   Precision Low Jitter 4x4 LVDS Crosspoint Switch with Internal Termination
logo
Texas Instruments
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125A TI1-SN65LVDT125A_14 Datasheet
824Kb / 21P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125DBT TI-SN65LVDT125DBT Datasheet
250Kb / 16P
[Old version datasheet]   LVDS 4X4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250 Datasheet
355Kb / 16P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com