Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89464UMYTR Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # SY89464UMYTR
Description  Precision LVPECL 1:10 Fanout with 2:1 Runt
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89464UMYTR Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button SY89464UMYTR Datasheet HTML 7Page - Micrel Semiconductor SY89464UMYTR Datasheet HTML 8Page - Micrel Semiconductor SY89464UMYTR Datasheet HTML 9Page - Micrel Semiconductor SY89464UMYTR Datasheet HTML 10Page - Micrel Semiconductor SY89464UMYTR Datasheet HTML 11Page - Micrel Semiconductor SY89464UMYTR Datasheet HTML 12Page - Micrel Semiconductor SY89464UMYTR Datasheet HTML 13Page - Micrel Semiconductor SY89464UMYTR Datasheet HTML 14Page - Micrel Semiconductor SY89464UMYTR Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Micrel, Inc.
SY89464U
December 2007
M9999-120607-B
hbwhelp@micrel.com or (408) 955-1690
11
Case #4: Input Clock Failure: Switching from the
selected clock input stuck in an undetermined state to
a valid clock input (RPE-enabled).
If CLK1 fails to an undetermined state (e.g., amplitude
falls below the 100mV (VIN) minimum single-ended
input limit, or 200mV differentially) before the RPE
MUX selects CLK2 (using the SEL pin), the switchover
to the valid clock CLK2 will occur either following Case
#2 or Case #3, depending upon the last valid state at
the CLK1.
If the selected input clock fails to a floating, static, or
extremely low signal swing, including 0mV, the FSI
function will eliminate any metastable condition and
guarantee a stable output signal. No ringing and no
undetermined state will occur at the output under
these conditions.
Please note that the FSI function will not prevent duty
cycle distortions or runt pulses in case of a slowly
deteriorating (but still toggling) input signal. Due to the
FSI function, the propagation delay will depend upon
rise and fall time of the input signal and on its
amplitude. Refer to “Typical Operating Characteristics”
for detailed information.
Timing Diagram 4


Similar Part No. - SY89464UMYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89464UMG MICREL-SY89464UMG Datasheet
1Mb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89464UMGTR MICREL-SY89464UMGTR Datasheet
1Mb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
More results

Similar Description - SY89464UMYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89464 MICREL-SY89464 Datasheet
1Mb / 10P
   Precision LVPECL/LVDS Runt Pulse Eliminator 1:10 Fanout Buffer with 2:1 MUX
SY89464U MICREL-SY89464U Datasheet
1Mb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89837U MICREL-SY89837U Datasheet
183Kb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89843U MICREL-SY89843U Datasheet
745Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY89837U MICREL-SY89837U_10 Datasheet
1Mb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89843U MICREL-SY89843U_10 Datasheet
688Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1
SY89840U MICREL-SY89840U_10 Datasheet
616Kb / 15P
   Precision LVPECL Runt Pulse Eliminator 2:1
SY89846U MICREL-SY89846U_11 Datasheet
689Kb / 15P
   1.5GHz Precision, LVPECL 1:5 Fanout with 2:1
SY58607U MICREL-SY58607U_10 Datasheet
659Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout
SY89840U MICREL-SY89840U Datasheet
1Mb / 15P
   Precision LVPECL Runt Pulse Eliminator 2:1 Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com