Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88923 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88923
Description  2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88923 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88923 Datasheet HTML 1Page - Micrel Semiconductor SY88923 Datasheet HTML 2Page - Micrel Semiconductor SY88923 Datasheet HTML 3Page - Micrel Semiconductor SY88923 Datasheet HTML 4Page - Micrel Semiconductor SY88923 Datasheet HTML 5Page - Micrel Semiconductor SY88923 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
SY88923
Micrel, Inc.
M9999-061907
hbwhelp@micrel.com or (408) 955-1690
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
ICC
Power Supply Current(1)
—35
35
2135
35
mA
IIL
/EN Input LOW Current
–0.3(8)
–0.3(8)
–0.3(8)
——
–0.3(8)
—mA
IIH
/EN Input HIGH Current
—20(5)
—20(5)
——
20(5)
—20(5)
µA
100(6)
100(6)
——
100(6)
100(6)
VCMR
Common Mode Range
GND +2.0
VCC –1.0 GND +2.0 VCC –1.0 GND +2.0
—VCC –1.0 GND +2.0 VCC –1.0
V
Voffset
Differential Output Offset
±100
±100
±100
±100
mV
LOSLVL
LOSLVL Level(2)
VREF
VCC
VREF
VCC
VREF
—VCC
VREF
VCC
V
VOL
LOS Output Low Level(3)
0.5
0.5
0.5
0.5
V
IOH
LOS Output Leakage(4)
250
250
250
250
uA
VOH
DOUT and /DOUT
VCC–1085
VCC–880 VCC–1025 VCC–880 VCC–1025 VCC–955
VCC–880
VCC–1025
VCC–880
mV
HIGH Output
VOL
DOUT and /DOUT
VCC–1830 VCC–1555 VCC–1810 VCC–1620 VCC–1810 VCC–1705 VCC–1620 VCC–1810 VCC–1620
mV
LOW Output
VREF
Reference Supply(7)
VCC–2.625 VCC–2.325 VCC–2.625 VCC–2.325 VCC–2.625 VCC–2.475 VCC–2.325 VCC–2.625 VCC–2.325
V
VIH
/EN Input HIGH Voltage
2.0
2.0
2.0
2.0
V
VIL
/EN Input LOW Voltage
0.8
0.8
0.8
0.8
V
Notes:
1. No output load.
2. 223-1 pattern.
3. IOL = + 2mA.
4. VOH = 5.5V.
DC ELECTRICAL CHARACTERISTICS
VCC = +5V ±10%, RLOAD = 50Ω to VCC-2V, TA = –40°C to +85°C
5. VIN = 2.7.
6. VIN =VCC.
7. IREF must be limited within –0.8mA (source) and 0.4mA (sink).
8. VIN = 0.5V.
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
Conditions
PSRR
Power Supply(1)
——
——
—35
———
dB
Input referred,
Rejection Ratio
55MHz
VID
Input Voltage Range
5
1800
5
1800
5
1800
5
1800 mVp-p
tr, tf
Output Rise/Fall Time
175
175
175
175
ps
VID > 100mVp-p
——
trin,tfin
———
VID < 100mVp-p
VOD
Differential Output
600
mV
VID = 15mVp-p
Voltage Swing(2)
——
200
———
mV
VID = 5mVp-p
tOFFL
LOS Release Time(3)
0.5
0.5
0.1
0.5
0.5
µs
Minimum Input
tOFFH
LOS Release Time(4)
0.5
0.5
0.1
0.5
0.5
µs
Maximum Input
tONL
LOS Assert Time(3)
0.5
0.5
0.2
0.5
0.5
µs
VSR
LOS Sensitivity Range
5
50
5
50
5
50
5
50
mVp-p
223-1 pattern
HYS
LOS Hysteresis
2
8
2
8
2
4.6
8
2
8
dB
AC ELECTRICAL CHARACTERISTICS
VCC = +5V ±10%, RLOAD = 50Ω to VCC - 2V, TA = –40°C to +85°C
3. Input is a 200MHz square wave, tr < 300ps, 8mVp-p.
4. Input is a 200MHz square wave, tr < 300ps, 1.8Vp-p.
Notes:
1. Input referred noise = RMS output noise/low frequency gain.
2. Input is a 622MHz square wave.


Similar Part No. - SY88923

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88923 MICREL-SY88923 Datasheet
98Kb / 8P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923 MICREL-SY88923 Datasheet
79Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923 MICREL-SY88923 Datasheet
100Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER Not recommended for new designs
SY88923AV MICREL-SY88923AV Datasheet
68Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923AVEC MICREL-SY88923AVEC Datasheet
68Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results

Similar Description - SY88923

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88923V MICREL-SY88923V Datasheet
55Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923 MICREL-SY88923_06 Datasheet
79Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923 MICREL-SY88923 Datasheet
98Kb / 8P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923 MICREL-SY88923_11 Datasheet
100Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER Not recommended for new designs
logo
Arizona Microtek, Inc
AZ88943 AZM-AZ88943 Datasheet
56Kb / 5P
   High-Speed Limiting Post Amplifier
AZ88923 AZM-AZ88923_12 Datasheet
392Kb / 6P
   High Speed Limiting Post Amplifier
AZ88923 AZM-AZ88923 Datasheet
57Kb / 5P
   High-Speed Limiting Post Amplifier
logo
Micrel Semiconductor
SY88913 MICREL-SY88913_07 Datasheet
91Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903 MICREL-SY88903_07 Datasheet
91Kb / 7P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913_05 Datasheet
81Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com