Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88913VKCTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88913VKCTR
Description  5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88913VKCTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88913VKCTR Datasheet HTML 1Page - Micrel Semiconductor SY88913VKCTR Datasheet HTML 2Page - Micrel Semiconductor SY88913VKCTR Datasheet HTML 3Page - Micrel Semiconductor SY88913VKCTR Datasheet HTML 4Page - Micrel Semiconductor SY88913VKCTR Datasheet HTML 5Page - Micrel Semiconductor SY88913VKCTR Datasheet HTML 6Page - Micrel Semiconductor SY88913VKCTR Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
SY88913V
Micrel, Inc.
M9999-071310
hbwhelp@micrel.com or (408) 955-1690
Symbol
Rating
Value
Unit
V
CC
Power Supply Voltage
0 to +7.0
V
D
IN,/DIN
Input Voltage
0 to V
CC
V
D
OUT,/DOUT,/LOS
OutputVoltage(with50Ωload)
V
CC –2.5 to VCC +0.3
V
LOS
LVL
Input Voltage
0 to V
CC
V
V
REF
Output Voltage
V
CC –2.0 to VCC
V
T
A
Operating Temperature Range
–40 to +85
°C
T
store
Storage Temperature Range
–55 to +125
°C
ABSOLUTE MAXIMUM RATINGS(1)
Note:
1. Permanentdevicedamagemayoccurifabsolutemaximumratingsareexceeded.Thisisastressratingonlyandfunctionaloperationisnotimplied
atconditionsotherthanthosedetailedintheoperationalsectionsofthisdatasheet.Exposuretoabsolutemaximumratlngconditionsforextended
periodsmayaffectdevicereliability.
T
A = –40°C
T
A = 0°C
T
A = +25°C
T
A = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
I
CC
Power Supply
5V
35
35
21
35
40
mA
Current(1)
3.3V
35
35
23
35
40
I
IL
/EN Input LOW Current
–0.3(5)
–0.3(5)
–0.3(5)
–0.3(5)
mA
I
IH
/ENInputHIGHCurrent
20(2)
20(2)
20(2)
20(2)
µA
100(3)
100(3)
100(3)
100(3)
V
CMR
Common Mode RangeGND+2.0 V
CC–1.0 GND+2.0 VCC–1.0 GND+2.0
V
CC–1.0 GND+2.0 VCC –1.0
V
V
offset
DifferentialOutputOffset
±160
±160
±40
±160
±160
mV
LOS
LVL
LOS
LVLLevel
V
REF
V
CC
V
REF
V
CC
V
REF
V
CC
V
REF
V
CC
V
V
OH
D
OUTand/DOUT
V
CC–1085
V
CC–880
V
CC–1025
V
CC–880
V
CC–1025
V
CC–955
V
CC–880
V
CC–1025
V
CC–880
mV
HIGHOutput
V
OLDOUTand/DOUT
V
CC–1830
V
CC–1555
V
CC–1810
V
CC–1620
V
CC–1810
V
CC–1705 VCC–1620
V
CC–1810
V
CC–1620
mV
LOW Output
V
REF
Reference Supply(4)
V
CC–1.38
V
CC–1.26
V
CC–1.38
V
CC–1.26
V
CC–1.38
V
CC–1.32
V
CC–1.26
V
CC–1.38
V
CC–1.26
V
V
IH
/ENInputHIGHVoltage
2.0
2.0
2.0
2.0
V
V
IL
/EN Input LOW Voltage
0.8
0.8
0.8
0.8
V
Notes:
1. No Output Load.
2. V
IN = 2.7V.
3. V
IN = VCC.
4. I
REFmustbelimitedtobewithin–0.8mA(source)and0.5mA(sink).
5. V
IN = 0.5V.
DC ELECTRICAL CHARACTERISTICS
V
CC=+3.3V±10%or+5V±10%,RLOAD=50ΩtoVCC–2V
TJUNCTION
MaxJunctionTemperature
125
°C


Similar Part No. - SY88913VKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88913VKCTR MICREL-SY88913VKCTR Datasheet
50Kb / 7P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results

Similar Description - SY88913VKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88903V MICREL-SY88903V_06 Datasheet
465Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903V MICREL-SY88903V_07 Datasheet
479Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V Datasheet
50Kb / 7P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903V MICREL-SY88903V Datasheet
54Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913_07 Datasheet
91Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913_05 Datasheet
81Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903 MICREL-SY88903_07 Datasheet
91Kb / 7P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913 Datasheet
101Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903 MICREL-SY88903 Datasheet
102Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88933V MICREL-SY88933V Datasheet
63Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com