Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88782L Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY88782L
Description  3.3V, 1.25Gbps High-Current, Low-Power
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88782L Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY88782L_10 Datasheet HTML 1Page - Micrel Semiconductor SY88782L_10 Datasheet HTML 2Page - Micrel Semiconductor SY88782L_10 Datasheet HTML 3Page - Micrel Semiconductor SY88782L_10 Datasheet HTML 4Page - Micrel Semiconductor SY88782L_10 Datasheet HTML 5Page - Micrel Semiconductor SY88782L_10 Datasheet HTML 6Page - Micrel Semiconductor SY88782L_10 Datasheet HTML 7Page - Micrel Semiconductor SY88782L_10 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Micrel, Inc.
SY88782L
January 2010
2
M9999-011310
hbwhelp@micrel.com or (408) 955-1690
Functional Block Diagram
Ordering Information
(1)
Part Number
Package Type
Operating Range
Package Marking
Lead Finish
SY88782LMG
QFN-16
Industrial
782L with Pb-Free bar-line indicator
NiPdAu Pb-Free
SY88782LMGTR
(2)
QFN-16
Industrial
782L with Pb-Free bar-line indicator
NiPdAu Pb-Free
Notes:
1. Contact factory for die availability. Dice are guaranteed at TA = +25°C, DC Electricals only.
2. Tape and Reel.
Pin Configuration
16-Pin QFN


Similar Part No. - SY88782L_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88782LMG MICREL-SY88782LMG Datasheet
574Kb / 8P
   3.3V, 1.25 Gbps HIgh Current, Low Power Laser Driver for Datacom Telecom Applications
SY88782LMGTR MICREL-SY88782LMGTR Datasheet
574Kb / 8P
   3.3V, 1.25 Gbps HIgh Current, Low Power Laser Driver for Datacom Telecom Applications
More results

Similar Description - SY88782L_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88933V MICREL-SY88933V Datasheet
63Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER
SY88982L MICREL-SY88982L_10 Datasheet
749Kb / 10P
   3.3V, 2.7Gbps High-Current, Low-Power
SY88149HL MICREL-SY88149HL_10 Datasheet
365Kb / 11P
   3.3V 1.25Gbps Burst-Mode Limiting
SY88147DL MICREL-SY88147DL_07 Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
SY88149CL MICREL-SY88149CL_09 Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
SY88903V MICREL-SY88903V_06 Datasheet
465Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903V MICREL-SY88903V_07 Datasheet
479Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V Datasheet
50Kb / 7P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V_10 Datasheet
419Kb / 7P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903V MICREL-SY88903V Datasheet
54Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com