Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-M9 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # Q62702-M9
Description  GaAs MMIC (GaAs mixer with integrated IF-amplifier for mobile communication)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-M9 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  Q62702-M9 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-M9 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-M9 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-M9 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-M9 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-M9 Datasheet HTML 6Page - Siemens Semiconductor Group Q62702-M9 Datasheet HTML 7Page - Siemens Semiconductor Group Q62702-M9 Datasheet HTML 8Page - Siemens Semiconductor Group Q62702-M9 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
GaAs MMIC
CMY 91
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 8/9
16.12.96
HL EH PD21
PCB - Layouts for Application Circuits
900MHz - application board:
LO
IF
RF
CMY91 4.7pF
1nF
100pF
470nH
47pF
33pF
LO
IF
RF
CMY91
Actual size
20mm
× 20mm
1450MHz - application board:
LO
IF
RF
CMY91 3.3pF
220nH
1nF
15pF
18pF
100pF
s oldered s horting line for tuning the LO-match
LO
IF
RF
CMY91
Actual size
20mm
× 20mm
PCB - data: Glass fiber epoxy board (double sided)
ε
r= 4.8
thickness = 1mm


Similar Part No. - Q62702-M9

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-M0002 SIEMENS-Q62702-M0002 Datasheet
253Kb / 6P
   PNP Silicon Transistors
Q62702-M0003 SIEMENS-Q62702-M0003 Datasheet
126Kb / 4P
   PNP Silicon Transistor
logo
Infineon Technologies A...
Q62702-M0032 INFINEON-Q62702-M0032 Datasheet
149Kb / 9P
   GaAs MMIC
2001-01-01
More results

Similar Description - Q62702-M9

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
   GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
logo
Hittite Microwave Corpo...
HMC665LP4 HITTITE-HMC665LP4 Datasheet
664Kb / 10P
   GaAs MMIC MIXER w/ INTEGRATED IF & LO AMPLIFIER, 0.7 - 1.2 GHz
HMC622LP4 HITTITE-HMC622LP4 Datasheet
327Kb / 10P
   GaAs MMIC MIXER w/ INTEGRATED IF & LO AMPLIFIER, 1.8 - 3.9 GHz
logo
Siemens Semiconductor G...
CGY121B SIEMENS-CGY121B Datasheet
93Kb / 8P
   GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB)
CGY121A SIEMENS-CGY121A Datasheet
94Kb / 8P
   GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB)
logo
Hittite Microwave Corpo...
HMC423MS8 HITTITE-HMC423MS8 Datasheet
216Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC353MS8 HITTITE-HMC353MS8 Datasheet
242Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC552LP4 HITTITE-HMC552LP4_11 Datasheet
505Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
HMC215LP4 HITTITE-HMC215LP4 Datasheet
254Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 4.0 GHz
HMC423MS8 HITTITE-HMC423MS8_08 Datasheet
189Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.6 - 1.3 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com