Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88349NDL Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY88349NDL
Description  2.5Gbps Burst-Mode Limiting Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88349NDL Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY88349NDL Datasheet HTML 1Page - Micrel Semiconductor SY88349NDL Datasheet HTML 2Page - Micrel Semiconductor SY88349NDL Datasheet HTML 3Page - Micrel Semiconductor SY88349NDL Datasheet HTML 4Page - Micrel Semiconductor SY88349NDL Datasheet HTML 5Page - Micrel Semiconductor SY88349NDL Datasheet HTML 6Page - Micrel Semiconductor SY88349NDL Datasheet HTML 7Page - Micrel Semiconductor SY88349NDL Datasheet HTML 8Page - Micrel Semiconductor SY88349NDL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SY88349NDL
2.5Gbps Burst-Mode Limiting Amplifier
with Ultra-Fast Signal Assert Timing
January 2012
2
M9999-010212-C
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY88349NDL is a high-sensitivity, burst-mode
capable limiting post amplifier designed for optical line
terminal (OLT) receiver applications. The SY88349NDL
satisfies the strict timing restrictions of the GPON
standards by providing ultra-fast loss-of-signal (LOS) or
Signal-Detect (SD) output. Auto reset and manual reset
options are provided to control LOS/SD output timing. For
increased flexibility, this device also includes an option to
select between LOS or SD output. The device can be
connected
to
burst-mode
capable
transimpedance
amplifiers (TIAs) using AC or DC coupling.
The SY88349NDL generates a high-gain LOS or SD
LVTTL output. A programmable LOS/SD level set pin
(LOS/SDLVL) sets the sensitivity of the input amplitude
detection. When LOS/SD SEL pin is left open or tied to
VCC, JAM is active high, SD is selected and asserts high if
the input amplitude rises above the threshold sets by
LOS/SDLVL and de-asserts low otherwise. When LOS/SD
SEL pin is set low or tied to GND, JAM is active low, LOS
is selected and asserts low if the input amplitude rises
above the threshold sets by LOS/SDLVL and de-asserts
high otherwise. The LOS/SD output can be fed back to the
JAM input to maintain output stability under an invalid
signal conditions. Typically, 4dB
 5dB SD hysteresis is
provided to prevent chattering.
The SY88349NDL also features a selectable proprietary
noise discriminator that aids by filtering out input signals
that do not qualify as a 2.5Gbps GPON preamble signal in
the initial startup phase. This feature minimizes false SD
asserts that can be triggered by random noise.
The SY88349NDL operates from a single +3.3V power
supply, over temperatures ranging from –40
C to +85C.
With its wide bandwidth and high gain, signals up to
2.5Gbps and as small as 5mVpp can be amplified to drive
devices with CML inputs.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
 <5ns SD assert (LOS deassert) time
 Proprietary noise discriminator feature
 Option to AUTO RESET or manual RESET LOS/SD
output
 Selectable LOS/SD option
 Up to 2.5Gbps operation
 Low-noise CML data outputs
 5mVpp input sensitivity
 High-sensitivity LOS/SD detect
 LVTTL LOS/SD output with an external pull-up resistor
 Squelching function to disable output
 Programmable LOS/SD level set (LOS/SDLVL)
 Single 3.3V power supply
 Available in a 16-pin (3mm  3mm) QFN package
Applications
 XGPON.1/GEPON/GPON
 Gigabit Ethernet
 Fibre Channel
 OC-3/12/24/48 SONET/SDH
 High-gain line driver and line receiver
 Low-gain TIA interface
Markets
 FTTH
 Datacom/Telecom
 Optical transceiver


Similar Part No. - SY88349NDL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88343BL MICREL-SY88343BL Datasheet
312Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
SY88343BL MICREL-SY88343BL Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
logo
Microchip Technology
SY88343BL MICROCHIP-SY88343BL Datasheet
891Kb / 18P
   3.3V, 3.2 Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
09/14/21
logo
Micrel Semiconductor
SY88343BLEY MICREL-SY88343BLEY Datasheet
312Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
SY88343BLEY MICREL-SY88343BLEY Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
More results

Similar Description - SY88349NDL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88236L MICREL-SY88236L Datasheet
1Mb / 19P
   2.5Gbps Burst Mode Laser Driver with Integrated Limiting Amplifier
SY88149NDL MICREL-SY88149NDL_12 Datasheet
423Kb / 13P
   1.25Gbps Burst-Mode Limiting Amplifier
logo
Taiwan Memory Technolog...
I7520N TMT-I7520N Datasheet
20Kb / 1P
   2.5Gbps Burst Mode Laser Driver & Post Amplifier
logo
Maxim Integrated Produc...
MAX3822 MAXIM-MAX3822_V01 Datasheet
624Kb / 10P
   3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
MAX3822 MAXIM-MAX3822 Datasheet
1Mb / 14P
   3.3V, 2.5Gbps Quad Limiting Amplifier
Rev 1; 7/04
MAX3710 MAXIM-MAX3710 Datasheet
3Mb / 58P
   125Mbps to 2.5Gbps Integrated Limiting Amplifier/Burst Mode Laser Driver with Dual-Loop Power Control
Rev 0; 8/11
logo
Micrel Semiconductor
SY88923 MICREL-SY88923_07 Datasheet
100Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923V MICREL-SY88923V Datasheet
55Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
logo
Texas Instruments
ONET2501PARGTT TI-ONET2501PARGTT Datasheet
859Kb / 16P
[Old version datasheet]   155--Mbps To 2.5Gbps LIMITING AMPLIFIER
logo
Micrel Semiconductor
SY88923 MICREL-SY88923_06 Datasheet
79Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com