Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88343BLEY Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY88343BLEY
Description  3.3V, 3.2Gbps CML Limiting Post Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88343BLEY Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY88343BLEY Datasheet HTML 1Page - Micrel Semiconductor SY88343BLEY Datasheet HTML 2Page - Micrel Semiconductor SY88343BLEY Datasheet HTML 3Page - Micrel Semiconductor SY88343BLEY Datasheet HTML 4Page - Micrel Semiconductor SY88343BLEY Datasheet HTML 5Page - Micrel Semiconductor SY88343BLEY Datasheet HTML 6Page - Micrel Semiconductor SY88343BLEY Datasheet HTML 7Page - Micrel Semiconductor SY88343BLEY Datasheet HTML 8Page - Micrel Semiconductor SY88343BLEY Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Micrel, Inc.
SY88343BL
February 2007
5
M9999-021707-B
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
VCC = 3.0V to 3.6V; RL = 50
Ω to V
CC; TA = –40°C to +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
tr, tf
Output Rise/Fall Time
(20% to 80%)
Note 4
60
120
ps
tJITTER
Deterministic
Random
Note 5
Note 6
15
5
psPP
psRMS
VID
Differential Input Voltage Swing
Figure 1
5
1800
mVPP
VOD
Differential Output Voltage Swing
VID > 18mVPP, Figure 1
700
800
950
mVPP
TOFF
LOS Release Time
2
10
µs
TON
LOS Assert Time
2
10
µs
LOSAL
Low LOS Assert Level
RLOSLVL = 15k
Ω, Note 8
3.1
mVPP
LOSDL
Low LOS De-assert Level
RLOSLVL = 15k
Ω, Note 8
4.8
mVPP
HYSL
Low LOS Hysteresis
RLOSLVL = 15k
Ω, Note 7
3.8
dB
LOSAM
Medium LOS Assert Level
RLOSLVL = 5k
Ω, Note 8
3
5.2
mVPP
LOSDM
Medium LOS De-assert Level
RLOSLVL = 5k
Ω, Note 8
7.5
11
mVPP
HYSM
Medium LOS Hysteresis
RLOSLVL = 5k
Ω, Note 7
2
3.2
4.5
dB
LOSAH
High LOS Assert Level
RLOSLVL = 100
Ω, Note 8
8
12
mVPP
LOSDH
High LOS De-assert Level
RLOSLVL = 100
Ω, Note 8
18
23
mVPP
HYSH
High LOS Hysteresis
RLOSLVL = 100
Ω, Note 7
2
3.5
4.5
dB
B-3dB
3dB Bandwidth
2
GHz
AV(Diff)
Differential Voltage Gain
32
38
dB
S21
Single-ended Small-Signal Gain
26
32
dB
Notes:
4. Amplifier in limiting mode. Input is a 200MHz square wave.
5. Deterministic jitter measured using 3.2Gbps K28.5 pattern, VID = 10mVPP.
6. Random jitter measured using 3.2Gbps K28.7 pattern, VID = 10mVPP.
7. This specification defines electrical hysteresis as 20log (LOS De-assert/LOS Assert). The ratio between optical hysteresis and
electrical hysteresis is found to vary between 1.5 and 2 depending upon the level of received optical power and ROSA
characteristics. Based upon that ratio, the optical hysteresis corresponding to the electrical hysteresis range 2dB-4.5dB, shown
in the AC characteristics table will be 1dB-3dB Optical Hysteresis.
8. See “Typical Operating Characteristics” for a graph showing how to choose a particular RLOSLVL for a particular LOS assert and
its associated de-assert amplitude.


Similar Part No. - SY88343BLEY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88343BLEY MICREL-SY88343BLEY Datasheet
312Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
SY88343BLEYTR MICREL-SY88343BLEYTR Datasheet
312Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
More results

Similar Description - SY88343BLEY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88345BL MICREL-SY88345BL_10 Datasheet
315Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88313BL MICREL-SY88313BL_10 Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88973BL MICREL-SY88973BL_10 Datasheet
490Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post
SY88973BL MICREL-SY88973BL Datasheet
539Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS
SY88305BL MICREL-SY88305BL Datasheet
391Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Signal-Detect Range
SY88973V MICREL-SY88973V Datasheet
123Kb / 11P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88983V MICREL-SY88983V Datasheet
125Kb / 9P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
SY88823V MICREL-SY88823V Datasheet
122Kb / 11P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL SD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com