Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88236LMGTR Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY88236LMGTR
Description  2.5Gbps Burst Mode Laser Driver with
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88236LMGTR Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY88236LMGTR Datasheet HTML 6Page - Micrel Semiconductor SY88236LMGTR Datasheet HTML 7Page - Micrel Semiconductor SY88236LMGTR Datasheet HTML 8Page - Micrel Semiconductor SY88236LMGTR Datasheet HTML 9Page - Micrel Semiconductor SY88236LMGTR Datasheet HTML 10Page - Micrel Semiconductor SY88236LMGTR Datasheet HTML 11Page - Micrel Semiconductor SY88236LMGTR Datasheet HTML 12Page - Micrel Semiconductor SY88236LMGTR Datasheet HTML 13Page - Micrel Semiconductor SY88236LMGTR Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Micrel, Inc.
SY88236L/AL
June 2009
10
M9999-063009-A
hbwhelp@micrel.com or (408) 955-1690
Typical Characteristics
Laser Driver
IBIAS vs. IBIASMAXSET
0
10
20
30
40
50
60
70
80
90
100
0
50 100 150 200 250 300 350 400 450 500
I
BIASMAXSET (µA)
IBIAS vs. RBIASMAXSET
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
R
BIASMAXSET (kΩ)
IBIASMON Gain
0.00
0.01
0.02
0.03
0.04
0.05
0
10 20 30 40 50 60 70 80 90 100
IBIAS (mA)
Modulation Gain
0
10
20
30
40
50
60
70
80
90
100
0
50 100 150 200 250 300 350 400
IMODSET (µA)
IMOD vs. RMODSET
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
R
MODSET (kΩ)
Post Amplifier
IRSSI vs. RIN
0
200
400
600
800
1000
1200
1400
0
50
100
150
200
V
DIFF_IN (mVPP)
LOSA and LOSD vs. R
LOSLVL
1
10
100
100
1000
10000
100000
R
LOSLVL (Ω)


Similar Part No. - SY88236LMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88236LMGTR MICREL-SY88236LMGTR Datasheet
1Mb / 19P
   2.5Gbps Burst Mode Laser Driver with Integrated Limiting Amplifier
More results

Similar Description - SY88236LMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88216L MICREL-SY88216L Datasheet
672Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
SY88216L MICREL-SY88216L_10 Datasheet
629Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
logo
Maxim Integrated Produc...
MAX3643 MAXIM-MAX3643_14 Datasheet
372Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 4; 12/12
MAX3656 MAXIM-MAX3656_V01 Datasheet
472Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
2010
MAX3656 MAXIM-MAX3656 Datasheet
734Kb / 16P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 1; 5/04
MAX3643 MAXIM-MAX3643_08 Datasheet
243Kb / 14P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 1; 10/08
MAX3643 MAXIM-MAX3643_12 Datasheet
427Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 3; 5/12
logo
Taiwan Memory Technolog...
I7520N TMT-I7520N Datasheet
20Kb / 1P
   2.5Gbps Burst Mode Laser Driver & Post Amplifier
logo
Micrel Semiconductor
SY88236L MICREL-SY88236L Datasheet
1Mb / 19P
   2.5Gbps Burst Mode Laser Driver with Integrated Limiting Amplifier
logo
Maxim Integrated Produc...
MAX24001 MAXIM-MAX24001 Datasheet
1Mb / 53P
   2.5GBPS TX BURST-MODE LASER TRANSCEIVER
Rev 0; 11/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com