Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88212LMG Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY88212LMG
Description  3.3V, 2.5Gbps Laser Diode Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88212LMG Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY88212LMG Datasheet HTML 1Page - Micrel Semiconductor SY88212LMG Datasheet HTML 2Page - Micrel Semiconductor SY88212LMG Datasheet HTML 3Page - Micrel Semiconductor SY88212LMG Datasheet HTML 4Page - Micrel Semiconductor SY88212LMG Datasheet HTML 5Page - Micrel Semiconductor SY88212LMG Datasheet HTML 6Page - Micrel Semiconductor SY88212LMG Datasheet HTML 7Page - Micrel Semiconductor SY88212LMG Datasheet HTML 8Page - Micrel Semiconductor SY88212LMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Micrel, Inc.
SY88212L
March 2008
5
M9999-030708-A
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
TA = –40°C to +85°C and VCC = +3.0V to +3.6V. Unless otherwise noted, typical values are VCC = +3.3V,
TA = 25°C, IMOD = 25mA, IBIAS = 20mA.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Data Rate
NRZ
0.155
2.5
Gbps
IMOD
Modulation Current
(5)
AC-coupled
10
85
mA
DC-coupled, voltage at MOD
pin
≥0.6V
10
70
(6)
mA
IMOD_OFF
Modulation OFF Current
Current at MOD+ when /EN is
high or TXDISABLE is Low
150
µA
Current at MOD- when /EN is
high or TXDISABLE is High
150
µA
tr
Output Current Rise Time
20% to 80%, IMOD = 60mA
60
85
ps
tf
Output Current Fall Time
20% to 80%, IMOD = 60mA
60
85
ps
Jitter
Total Jitter
(7)
155Mbps data rate
30
psPP
622Mbps data rate
30
1.25Gbps data rate
30
2.5Gbps data rate
30
tINIT
APC Loop Initialization Time
Power up with /EN Low
12
µs
/EN changes from high to low
with power ON.
10
µs
Notes:
5. Load = 15
Ω.
6. Assuming VCC = 3.0V, Laser bandgap voltage = 1V, laser package inductance = 1nH, laser equivalent series resistor = 5
Ω, and damping resistor
= 10
Ω.
7. Total jitter is measured using 2
7 – 1 PRBS pattern.


Similar Part No. - SY88212LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88212L MICREL-SY88212L Datasheet
456Kb / 10P
   3.3V, 2.5Gbps Laser Diode Driver with Integrated Bias and APC
More results

Similar Description - SY88212LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88922V MICREL-SY88922V Datasheet
42Kb / 5P
   5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY88922V MICREL-SY88922V_06 Datasheet
455Kb / 5P
   5V/3.3V 2.5Gbps LASER DIODE DRIVER
logo
Samsung semiconductor
CXB1828ER SAMSUNG-CXB1828ER Datasheet
254Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Sony Corporation
CXB1828ER SONY-CXB1828ER Datasheet
258Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3273 MAXIM-MAX3273 Datasheet
984Kb / 15P
   3.3V, 2.5Gbps Low-Power Laser Driver
19-2081; Rev 1; 12/02
logo
Micrel Semiconductor
SY88216L MICREL-SY88216L Datasheet
672Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
logo
Maxim Integrated Produc...
MAX3273 MAXIM-MAX3273_V01 Datasheet
743Kb / 18P
   3.3V, 2.5Gbps Low-Power Laser Driver
2007
logo
Micrel Semiconductor
SY88216L MICREL-SY88216L_10 Datasheet
629Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88232L MICREL-SY88232L_10 Datasheet
701Kb / 18P
   2.5Gbps Laser Diode Driver with Integrated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com