Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88236ALMGTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88236ALMGTR
Description  2.5Gbps Burst Mode Laser Driver with
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88236ALMGTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88236ALMGTR Datasheet HTML 1Page - Micrel Semiconductor SY88236ALMGTR Datasheet HTML 2Page - Micrel Semiconductor SY88236ALMGTR Datasheet HTML 3Page - Micrel Semiconductor SY88236ALMGTR Datasheet HTML 4Page - Micrel Semiconductor SY88236ALMGTR Datasheet HTML 5Page - Micrel Semiconductor SY88236ALMGTR Datasheet HTML 6Page - Micrel Semiconductor SY88236ALMGTR Datasheet HTML 7Page - Micrel Semiconductor SY88236ALMGTR Datasheet HTML 8Page - Micrel Semiconductor SY88236ALMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Micrel, Inc.
SY88236L/AL
June 2009
4
M9999-063009-A
hbwhelp@micrel.com or (408) 955-1690
Pin Description (continued)
Pin Number
Pin Name
Pin Function
12
APCSET
Bias current setting and control. The bias current is set by installing an external resistor from this
pin to ground or using a current source. Connect a 50k
Ω resistor to GND for open loop operation.
13
MODSET
Modulation current setting and control. The modulation current is set by installing an external
resistor from this pin to ground or using a current source.
14
BIASMAX
Install a resistor between this pin and GND to set the maximum bias current for the closed loop
operation. The APC loop controls the bias current up to the level of BIASMAX. When the bias
current reaches the maximum value set through this pin, the driver continues to sink a current
equal to this maximum. For open loop operations, this pin sets the bias current.
15
MODMON
Modulation Current Monitor. Provides a current, which represents 1/100 of the modulation
current. Install a resistor between this pin and GND to convert that current to a voltage
proportional to the modulation current.
18
MOD-
Inverted modulation current output. Provides modulation current when input data is negative.
19
MOD+
Non-inverted modulation current output. Provides modulation current when input data is positive.
21
BIAS
Bias current output, sources current when BEN+ is high. Connect to the cathode of the laser
through a resistor.
22
MD
Input from the laser monitoring photodiode. Connect to the anode of the laser photodiode for APC
operation.
23
BIASMON
Bias Monitor. Provides a current, which represents 1/50 of the bias current. Install a resistor
between this pin and GND to convert that current to a voltage.
24
RSSI
Received Signal Strength Indicator. Install a resistor from this pin to GND to get a voltage
proportional to the received signal.
25
/APCFAULT
Indicates APC failure when Low. Active Low TTL/CMOS.
27
RIN+
SY88236L: Post amplifier Non-inverting input data. Internally terminated with 50
Ω to a reference
voltage.
SY88236AL: Post amplifier Non-inverting input data. No internal termination.
28
RIN-
SY88236L: Driver inverting input data. Internally terminated with 50
Ω to a reference voltage.
SY88236AL: Driver inverting input data. No internal termination.
30
ROUT-
Post Amplifier Complementary CML data output.
31
ROUT+
Post Amplifier true CML data output.
5, 8, 16, 24, 29
GND
Ground. Ground and exposed pad must be connected to the plane of the most negative potential.
17, 20, 32
Supply Voltage. Bypass with a 0.1µF//0.01µF low ESR capacitor as close to VCC pin as possible.


Similar Part No. - SY88236ALMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88236ALMGTR MICREL-SY88236ALMGTR Datasheet
1Mb / 19P
   2.5Gbps Burst Mode Laser Driver with Integrated Limiting Amplifier
More results

Similar Description - SY88236ALMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88216L MICREL-SY88216L Datasheet
672Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
SY88216L MICREL-SY88216L_10 Datasheet
629Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
logo
Maxim Integrated Produc...
MAX3643 MAXIM-MAX3643_14 Datasheet
372Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 4; 12/12
MAX3656 MAXIM-MAX3656_V01 Datasheet
472Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
2010
MAX3656 MAXIM-MAX3656 Datasheet
734Kb / 16P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 1; 5/04
MAX3643 MAXIM-MAX3643_08 Datasheet
243Kb / 14P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 1; 10/08
MAX3643 MAXIM-MAX3643_12 Datasheet
427Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 3; 5/12
logo
Taiwan Memory Technolog...
I7520N TMT-I7520N Datasheet
20Kb / 1P
   2.5Gbps Burst Mode Laser Driver & Post Amplifier
logo
Micrel Semiconductor
SY88236L MICREL-SY88236L Datasheet
1Mb / 19P
   2.5Gbps Burst Mode Laser Driver with Integrated Limiting Amplifier
logo
Maxim Integrated Produc...
MAX24001 MAXIM-MAX24001 Datasheet
1Mb / 53P
   2.5GBPS TX BURST-MODE LASER TRANSCEIVER
Rev 0; 11/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com