Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88216L Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88216L
Description  3.3V, 2.5Gbps Burst Mode Laser Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88216L Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88216L Datasheet HTML 1Page - Micrel Semiconductor SY88216L Datasheet HTML 2Page - Micrel Semiconductor SY88216L Datasheet HTML 3Page - Micrel Semiconductor SY88216L Datasheet HTML 4Page - Micrel Semiconductor SY88216L Datasheet HTML 5Page - Micrel Semiconductor SY88216L Datasheet HTML 6Page - Micrel Semiconductor SY88216L Datasheet HTML 7Page - Micrel Semiconductor SY88216L Datasheet HTML 8Page - Micrel Semiconductor SY88216L Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micrel, Inc.
SY88216L
July 2008
4
M9999-071108-C
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VCC) .................................... –0.5V to +4.0V
CML Input Voltage (VIN) ....................VCC–1.2V to VCC+0.5V
TTL Control Input Voltage (VI)..................... 0V to VCC+0.3V
Lead Temperature (soldering, 20sec.) ..................... +260°C
Storage Temperature (Ts) .........................–65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VCC).................................... +3.0V to +3.6V
Ambient Temperature (TA) .......................... –40°C to +85°C
Package Thermal Resistance
(3)
QFN
(
θ
JA) Still-air ........................................................ 75°C/W
(
ψ
JB) ................................................................... 30°C/W
DC Electrical Characteristics
TA = –40°C to +85°C and VCC = +3.0V to +3.6V. Unless otherwise noted, typical values are VCC = +3.3V,
TA = 25°C, IMOD = 25mA, IBIAS = 20mA.
Symbol
Parameter
Condition
Min
Typ
Max
Units
ICC
Power Supply Current
Modulation and Bias currents
excluded
55
95
(4)
mA
VMOD_MIN
Minimum Voltage Required at the
Driver Output, MOD+ and MOD-,
for Proper Operation
0.6
V
VBIAS_MIN
Minimum Voltage Required at the
Driver Output, BIAS+ and BIAS-,
for Proper Operation
0.8
V
IBIAS
Bias-ON Current
Voltage at Bias pin
≥ 0.8V
1
70
mA
IBIAS_OFF
Bias-OFF Current
Current at BIAS pin when /EN is
high or BEN is low
150
µA
RIN
Input Resistance at DIN+ and DIN-
Single ended
42.5
50
57.5
VDIFF-IN
(DIN)
Differential Input Voltage Swing
100
2400
mVPP
VIL (/EN)
/EN Input Low
0.8
V
VIH (/EN)
/EN Input High
2
V
VOL
/APCFAULT Output Low
IOL = 2mA
0.5
V
IOH
/APCFAULT Output Leakage
VOH = VCC
100
µA
BEN+,
BEN-
Burst Mode Enable Signal
Single Ended
0.8
V
VIH (BEN)
High Voltage
BEN+, BEN-
VCC + 0.3
V
VIL (BEN)
Low Voltage
BEN+, BEN-
-0.3
V
VIN (BEN)
Input Voltage Swing
BEN+, BEN-
100
mV
VDIFF-IN
(BEN)
Differential Input Voltage Swing
BEN+, BEN-
200
mVPP
VPWRMON
Maximum Voltage at PWRMON Pin
1.25
V
IMD
Current Range at MD Pin
50
1500
µA
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratings conditions for extended
periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Package Thermal Resistance assumes exposed pad is soldered (or equivalent) to the devices most negative potential on the PCB.
ψ
JB uses a
4-layer and
θ
JA in still air unless otherwise stated.
4. ICC = 95mA for worst-case conditions with IMOD = 85mA, IBIAS = 70mA, TA = +85°C, VCC = 3.6.


Similar Part No. - SY88216L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88216L MICREL-SY88216L Datasheet
672Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
SY88216LMG MICREL-SY88216LMG Datasheet
672Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
SY88216LMGTR MICREL-SY88216LMGTR Datasheet
672Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
More results

Similar Description - SY88216L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88216L MICREL-SY88216L Datasheet
672Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
SY88236L MICREL-SY88236L_10 Datasheet
858Kb / 19P
   2.5Gbps Burst Mode Laser Driver with
logo
Maxim Integrated Produc...
MAX3643 MAXIM-MAX3643_14 Datasheet
372Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 4; 12/12
MAX3656 MAXIM-MAX3656_V01 Datasheet
472Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
2010
MAX3656 MAXIM-MAX3656 Datasheet
734Kb / 16P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 1; 5/04
MAX3643 MAXIM-MAX3643_08 Datasheet
243Kb / 14P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 1; 10/08
MAX3643 MAXIM-MAX3643_12 Datasheet
427Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 3; 5/12
logo
Taiwan Memory Technolog...
I7520N TMT-I7520N Datasheet
20Kb / 1P
   2.5Gbps Burst Mode Laser Driver & Post Amplifier
logo
Micrel Semiconductor
SY88212L MICREL-SY88212L_10 Datasheet
414Kb / 10P
   3.3V, 2.5Gbps Laser Diode Driver
logo
Maxim Integrated Produc...
MAX24001 MAXIM-MAX24001 Datasheet
1Mb / 53P
   2.5GBPS TX BURST-MODE LASER TRANSCEIVER
Rev 0; 11/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com