Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88149HLMGTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88149HLMGTR
Description  3.3V 1.25Gbps Burst-Mode Limiting
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88149HLMGTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88149HLMGTR Datasheet HTML 1Page - Micrel Semiconductor SY88149HLMGTR Datasheet HTML 2Page - Micrel Semiconductor SY88149HLMGTR Datasheet HTML 3Page - Micrel Semiconductor SY88149HLMGTR Datasheet HTML 4Page - Micrel Semiconductor SY88149HLMGTR Datasheet HTML 5Page - Micrel Semiconductor SY88149HLMGTR Datasheet HTML 6Page - Micrel Semiconductor SY88149HLMGTR Datasheet HTML 7Page - Micrel Semiconductor SY88149HLMGTR Datasheet HTML 8Page - Micrel Semiconductor SY88149HLMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micrel, Inc.
SY88149HL
June 2010
4
M9999-061110-I
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VCC) ....................................... 0V to +4.0V
Input Voltage (DIN, /DIN) .......................................0 to VCC
Output Current (IOUT)
Continuous........................................................ ±50mA
Surge .............................................................. ±100mA
TTL Inputs Voltage .................................................0 to VCC
VREF Current .......................................... -
800μA to +500μA
LOS/SDLVL Voltage............................................VREF to VCC
Lead Temperature (soldering, 20sec.) ..................... 260°C
Storage Temperature (Ts) ....................... –65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VCC)................................. +3.0V to +3.6V
Ambient Temperature (TA).......................–40°C to +85°C
Junction Temperature (TJ) .....................–40°C to +125°C
Junction Thermal Resistance
(3)
QFN (
θ
JA) Still-air .............................................60°C/W
QFN (
Ψ
JB) Junction-to-board ...........................38°C/W
DC Electrical Characteristics
VCC = 3.0 to 3.6V; TA = –40°C to +85°C, typical values at VCC = 3.3V, TA = 25°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
ICC
Power Supply Current
No output load
57
78
mA
LOS/SDLVL
LOS/SDLVL Voltage
VREF
VCC
V
VOH
LVPECL Output HIGH Voltage
50
Ω to VCC-2V
VCC-1.085
VCC-0.955
VCC-0.880
V
VOL
LVPECL Output LOW Voltage
50
Ω to VCC-2V
VCC-1.830
VCC-1.705
VCC-1.555
V
IOFFSET
Input Offset Voltage
1
mV
VIHCMR
Common Mode Range
GND+2.0
VCC
V
VREF
Reference Voltage
VCC-1.48
VCC-1.32
VCC-1.16
V
LVTTL DC Electrical Characteristics
VCC = 3.0 to 3.6V; TA = –40°C to +85°C, typical values at VCC = 3.3V, TA = 25°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
TTL Input HIGH Voltage
2.0
V
VIL
TTL Input LOW Voltage
0.8
V
IIH
TTL Input HIGH Current
(/AUTORESET, JAM, LOS/SDSEL)
VIN = 2.7V
VIN = VCC
20
100
µA
µA
IIL
TTL Input LOW Current
(/AUTORESET, JAM, LOS/SDSEL)
VIN = 0.5V
-0.3
mA
IIH
TTL Input HIGH Current (RESET)
VIN = 2.7V
VIN = VCC
200
300
µA
µA
IIL
TTL Input LOW Current (RESET)
VIN = 0.5V
-0.05
mA
VOL
TTL Output LOW Level
IOL = +20mA
0.5
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Thermal performance assumes the use of a 4-layer PCB. Exposed pad must be soldered (or equivalent) to the device’s most negative potential on
the PCB
.


Similar Part No. - SY88149HLMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88149HL MICREL-SY88149HL Datasheet
375Kb / 11P
   3.3V 1.25Gbps Burst-Mode Limiting Amplifier with Ultra-Fast Signal Assert Timing
More results

Similar Description - SY88149HLMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88149NDL MICREL-SY88149NDL_12 Datasheet
423Kb / 13P
   1.25Gbps Burst-Mode Limiting Amplifier
SY88149HL MICREL-SY88149HL Datasheet
375Kb / 11P
   3.3V 1.25Gbps Burst-Mode Limiting Amplifier with Ultra-Fast Signal Assert Timing
SY88147DL MICREL-SY88147DL_07 Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
SY88149CL MICREL-SY88149CL_09 Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
SY88903AL MICREL-SY88903AL Datasheet
333Kb / 9P
   3.3V, Burst Mode 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier with TTL Loss-of-Signal
SY88149HAL MICREL-SY88149HAL Datasheet
343Kb / 11P
   1.25Gbps Burst-Mode Limiting Amplifier with Ultra-Fast Signal Assert Timing
SY88903V MICREL-SY88903V_06 Datasheet
465Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903V MICREL-SY88903V_07 Datasheet
479Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V Datasheet
50Kb / 7P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
logo
M/A-COM Technology Solu...
M02090 MA-COM-M02090 Datasheet
493Kb / 2P
   3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com