Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88149HL Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY88149HL
Description  3.3V 1.25Gbps Burst-Mode Limiting
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88149HL Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY88149HL Datasheet HTML 1Page - Micrel Semiconductor SY88149HL Datasheet HTML 2Page - Micrel Semiconductor SY88149HL Datasheet HTML 3Page - Micrel Semiconductor SY88149HL Datasheet HTML 4Page - Micrel Semiconductor SY88149HL Datasheet HTML 5Page - Micrel Semiconductor SY88149HL Datasheet HTML 6Page - Micrel Semiconductor SY88149HL Datasheet HTML 7Page - Micrel Semiconductor SY88149HL Datasheet HTML 8Page - Micrel Semiconductor SY88149HL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Micrel, Inc.
SY88149HL
June 2010
5
M9999-061110-I
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
VCC = 3.0V to 3.6V; RLOAD = 50
Ω to V
CC–2V; TA = –40°C to +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
tr, tf
Output Rise/Fall Time
(20% to 80%)
Note 4
260
ps
tJAM_LH
JAM Low to High Propagation Time
Note 12
5
ns
tJAM_HL
JAM High to Low Propagation Time
Note 13
2
ns
tAUTORESET
SD de-assert or LOS assert with Auto
Reset enabled.
75
100
150
ns
tRESET
RESET time constant
Note 5
5
ns
tON
SD Assert Time/LOS De-assert time
Note 9
5
ns
tJITTER
Deterministic
Random
Note 6
Note 7
15
5
psPP
psRMS
VID
Differential Input Voltage Swing
Figure 1
4
1800
mVPP
VOD
Differential Output Voltage Swing
VID > 18mVPP
1500
mVPP
SDAL
/LOSDL
Low SD Assert/LOS De-assert Level
RLOS/SDLVL = 5k
Ω, Note 8, 10
4.2
mVPP
SDDL//
LOSAL
Low SD De-assert/LOS Assert Level
RLOS/SDLVL = 5k
Ω, Note 10
3
mVPP
HYSL
Low SD/LOS Hysteresis
RLOS/SDLVL = 5k
Ω, Note 11
2.9
dB
SDAM/
LOSDM
Medium SD Assert/LOS
De-assert Level
RLOS/SDLVL = 2.5k
Ω, Note 10
5.2
12
mVPP
SDDM/
LOSAM
Medium SD De-assert/LOS Assert
Level
RLOS/SDLVL = 2.5k
Ω, Note 10
2.5
3.7
mVPP
HYSM
Medium SD/LOS Hysteresis
RLOS/SDLVL = 2.5k
Ω, Note 11
3
dB
SDAH/
LOSDH
High SD Assert/LOS De-assert Level
RLOS/SDLVL = 50
Ω, Note 10
15
24
mVPP
SDDH/
LOSAH
High SD De-assert/ LOS Assert Level
RLOS/SDLVL = 50
Ω, Note 10
6
9.5
mVPP
HYSH
High SD/LOS Hysteresis
RLOS/SDLVL = 50
Ω, Note 11
4
dB
B-3dB
3dB Bandwidth
1
GHz
AV(Diff)
Differential Voltage Gain
48
dB
S21
Single-ended Small-Signal Gain
42
dB
Notes:
4.
Amplifier in limiting mode. Input is a 200MHz square wave.
5.
The time between applying RESET and outputs being disabled.
6.
Deterministic jitter measured using 1.25Gbps K28.5 pattern, VID = 10mVPP.
7.
Random jitter measured using 1.25Gbps K28.7 pattern, VID = 10mVPP.
8.
SD is the opposite polarity of LOS. Therefore, an SD Assert parameter is equivalent to a LOS De-assert parameter and vice versa.
9.
See “Typical Operating Characteristics” for graphs showing input signal vs. SD Assert/LOS De-assert time at various RLOS/SDLVL settings.
10. See “Typical Operating Characteristics” for a graph showing how to choose a particular RLOS/SDLVL for a particular assert and
its associated de-assert amplitude.
11. This specification defines electrical hysteresis as 20log (SD Assert/SD De-assert). The ratio between optical hysteresis and electrical hysteresis is
found to vary between 1.5 and 2 depending upon the level of received optical power and ROSA characteristics. Based upon that ratio, the optical
hysteresis corresponding to the electrical hysteresis range 2dB-5dB, shown in the AC characteristics table, will be: 1dB-4dB optical Hysteresis.
12. JAM Low to High transition propagation delay refers to the time it takes from a LOW to HIGH transition at JAM input to turning on (if SD is selected)
or turning off (if LOS is selected) the LVPECL outputs.
13. JAM High to Low transition propagation delay refers to the time it takes from a HIGH to LOW transition at JAM input to turning off (if SD is selected)
or turning on (if LOS is selected) the LVPECL outputs.


Similar Part No. - SY88149HL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88149HL MICREL-SY88149HL Datasheet
375Kb / 11P
   3.3V 1.25Gbps Burst-Mode Limiting Amplifier with Ultra-Fast Signal Assert Timing
More results

Similar Description - SY88149HL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88149NDL MICREL-SY88149NDL_12 Datasheet
423Kb / 13P
   1.25Gbps Burst-Mode Limiting Amplifier
SY88149HL MICREL-SY88149HL Datasheet
375Kb / 11P
   3.3V 1.25Gbps Burst-Mode Limiting Amplifier with Ultra-Fast Signal Assert Timing
SY88147DL MICREL-SY88147DL_07 Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
SY88149CL MICREL-SY88149CL_09 Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
SY88903AL MICREL-SY88903AL Datasheet
333Kb / 9P
   3.3V, Burst Mode 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier with TTL Loss-of-Signal
SY88149HAL MICREL-SY88149HAL Datasheet
343Kb / 11P
   1.25Gbps Burst-Mode Limiting Amplifier with Ultra-Fast Signal Assert Timing
SY88903V MICREL-SY88903V_06 Datasheet
465Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903V MICREL-SY88903V_07 Datasheet
479Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V Datasheet
50Kb / 7P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
logo
M/A-COM Technology Solu...
M02090 MA-COM-M02090 Datasheet
493Kb / 2P
   3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com