Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88063ALMGTR Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY88063ALMGTR
Description  3.3V, 12.5Gbps Limiting Post Amplifier with
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88063ALMGTR Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY88063ALMGTR Datasheet HTML 2Page - Micrel Semiconductor SY88063ALMGTR Datasheet HTML 3Page - Micrel Semiconductor SY88063ALMGTR Datasheet HTML 4Page - Micrel Semiconductor SY88063ALMGTR Datasheet HTML 5Page - Micrel Semiconductor SY88063ALMGTR Datasheet HTML 6Page - Micrel Semiconductor SY88063ALMGTR Datasheet HTML 7Page - Micrel Semiconductor SY88063ALMGTR Datasheet HTML 8Page - Micrel Semiconductor SY88063ALMGTR Datasheet HTML 9Page - Micrel Semiconductor SY88063ALMGTR Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Micrel, Inc.
SY88063AL
September 2011
6
M9999-090911-B
hbwhelp@micrel.com
Typical Operating Characteristics
VCC = 3.3V, TA = 25°C, RL = 50Ω to VCC-2V, unless otherwise stated.
LOS Assert/De-Assert Levels
1
10
100
0.1
1
10
100
LOSLVL Resistor (KΩ)
LOS Hysteresis
1
2
3
4
5
6
0.1
1
10
100
LOSLVL Resistor (KΩ)
Typical Functional Characteristics
VCC = 3.3V, TA = 25°C, RL = 50Ω to VCC-2V, unless otherwise stated.
or (408) 955-1690


Similar Part No. - SY88063ALMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88022AL MICREL-SY88022AL Datasheet
493Kb / 12P
   11.3Gbps Laser Diode Driver
SY88022ALMG MICREL-SY88022ALMG Datasheet
493Kb / 12P
   11.3Gbps Laser Diode Driver
SY88022ALMGTR MICREL-SY88022ALMGTR Datasheet
493Kb / 12P
   11.3Gbps Laser Diode Driver
SY88022L MICREL-SY88022L Datasheet
361Kb / 10P
   11.3Gbps Laser Diode Driver
SY88022LMG MICREL-SY88022LMG Datasheet
361Kb / 10P
   11.3Gbps Laser Diode Driver
More results

Similar Description - SY88063ALMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88053AL MICREL-SY88053AL Datasheet
453Kb / 12P
   3.3V, 12.5Gbps Limiting Post Amplifier with Programmable Decision Threshold
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88943V MICREL-SY88943V Datasheet
71Kb / 8P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88943V MICREL-SY88943V_05 Datasheet
53Kb / 6P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88353BL MICREL-SY88353BL Datasheet
471Kb / 11P
   3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
SY88993V MICREL-SY88993V Datasheet
70Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88353BL MICREL-SY88353BL_07 Datasheet
470Kb / 11P
   3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
SY88903V MICREL-SY88903V_06 Datasheet
465Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com