Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY87813L Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY87813L
Description  3-Port 10/100 Integrated Switch with PHY and Frame Buffer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87813L Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY87813L_06 Datasheet HTML 1Page - Micrel Semiconductor SY87813L_06 Datasheet HTML 2Page - Micrel Semiconductor SY87813L_06 Datasheet HTML 3Page - Micrel Semiconductor SY87813L_06 Datasheet HTML 4Page - Micrel Semiconductor SY87813L_06 Datasheet HTML 5Page - Micrel Semiconductor SY87813L_06 Datasheet HTML 6Page - Micrel Semiconductor SY87813L_06 Datasheet HTML 7Page - Micrel Semiconductor SY87813L_06 Datasheet HTML 8Page - Micrel Semiconductor SY87813L_06 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
April 2009
3
KS8993
KS8993
Micrel
Revision History
Revision
Date
Summary of Changes
1.00
04/13/00
Document origination
1.01
05/31/00
Miscellaneous changes
1.02
06/08/00
Index repair
1.03
09/20/00
MII forward correction.
MRXD[3:1] correction.
1.04
10/30/00
Update voltage ratings.
1.05
10/31/00
Correct I/O descriptions.
1.06
11/08/00
Correct mode operation for LED[1:3][0]
Add timing information
1.07
12/21/00
Correct pin information
1.08
03/23/01
Correct VLAN description.
1.09
03/26/01
Update MODESEL descriptions for packet size extensions
1.10
04/19/01
Update electrical characteristics; Correct I/O information.
1.11
04/20/01
Correct timing information
1.12
05/10/01
Update I/O descriptions
1.13
06/08/01
Define control for LED[3][3]
1.14
06/26/01
Revise definition for LED[3][3]
1.15
08/1/01
Update timing information and power dissipation
Add power up timing description; Correct DISAN3 default mode.
1.16
08/9/01
Correct LED [1] [1] to float configuration
Add Reverse and Forward MII timing
2.00
4/8/02
Correct reserve buffer from 128 to 96 for PRSV pin.
Add max. current.
Add force flow control Option as follows:
Change pin 50 from reserved to FFLOW1# for force flow control on port 1.)
Change pin 46 from reserved to FFLOW2# for force flow control on port 2.
Modify LED[1][2] for force flow control on port 3.
2.01
5/6/02
Add TX Disable for Port 1 and port 2, Power down for port 3 and Far end Fault Disable features using
MUX[1:2] and TEST[1:2] pins.
2.02
7/2/02
Recommend pull-down on LED[3][3]
2.03
8/29/03
Convert to new format.
2.04
1/24/05
Added reset circuit recommendation.
2.05
5/12/05
Added lead-free part number


Similar Part No. - SY87813L_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87813LHG MICREL-SY87813LHG Datasheet
478Kb / 15P
   3.3V, 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
SY87813LHGTR MICREL-SY87813LHGTR Datasheet
478Kb / 15P
   3.3V, 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
More results

Similar Description - SY87813L_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8993 MICREL-KS8993 Datasheet
225Kb / 35P
   3-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8993 MICREL-KS8993_09 Datasheet
205Kb / 35P
   3-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8999 MICREL-KS8999 Datasheet
279Kb / 52P
   Integrated 9-Port 10/100 Switch with PHY and Frame Buffer
KS8999 MICREL-KS8999_11 Datasheet
444Kb / 53P
   Integrated 9-Port 10/100 Switch with PHY and Frame Buffer
KS8997 MICREL-KS8997_07 Datasheet
620Kb / 39P
   8-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8997 MICREL-KS8997 Datasheet
168Kb / 37P
   8-Port 10/100 Integrated Switch with PHY and Frame Buffer
logo
Microchip Technology
KSZ8873MML MICROCHIP-KSZ8873MML Datasheet
846Kb / 91P
   Integrated 3-Port 10/100 Managed Switch with PHY
10/25/17
logo
List of Unclassifed Man...
KS8995 ETC-KS8995 Datasheet
43Kb / 2P
   5 Port 10/100 Switch with PHY
logo
Micrel Semiconductor
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com