Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY87729L Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY87729L
Description  3.3V AnyClock짰, 10MHz to 365MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87729L Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY87729L Datasheet HTML 6Page - Micrel Semiconductor SY87729L Datasheet HTML 7Page - Micrel Semiconductor SY87729L Datasheet HTML 8Page - Micrel Semiconductor SY87729L Datasheet HTML 9Page - Micrel Semiconductor SY87729L Datasheet HTML 10Page - Micrel Semiconductor SY87729L Datasheet HTML 11Page - Micrel Semiconductor SY87729L Datasheet HTML 12Page - Micrel Semiconductor SY87729L Datasheet HTML 13Page - Micrel Semiconductor SY87729L Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Micrel, Inc.
SY87729L
July 2011
10
M9999-072111-G
hbwhelp@micrel.com
Care should be exercised when selecting the value of P
(Table 1) so that the voltage-controlled oscillator (VCO)
of the fractional-N PLL is not driven out of range. The
following conditions must be met:
fVCO(min) < fREF × Fractional Division < fVCO(max)
or
or (408) 955-1690
)
fVCO(min) < fREF ×
(
⎪⎭
⎪⎩
+
±
±
±
P
Q
1
P
Q
1
P
Q
P
< fVCO(max)
where,
fVCO(min) = 540MHz
fVCO(max) = 729MHz
fREF = Frequency of the reference clock
DivSel3
DivSel2
DivSel1
DivSel0
P
0
0
0
0
17
0
0
0
1
18
0
0
1
0
19
0
0
1
1
20
0
1
0
0
21
0
1
0
1
22
0
1
1
0
23
0
1
1
1
24
1
0
0
0
25
1
0
0
1
26
1
0
1
0
27
1
0
1
1
28
1
1
0
0
29
1
1
0
1
30
1
1
1
0
31
1
1
1
1
32
Table 1. DivSel Divider Setting
Fractional-N Control
This circuit controls the P/P-1 divider, selecting the
appropriate divide ratio, either P or P-1, in the correct
pattern.
As explained in the example of Figure 2, controlling the
P/P-1 divider amounts to generating a repeating binary
bit stream. In that example, a “1” represents dividing by
4, and a “0” represents dividing by 3. The full cycle,
“101,” says to divide by 4 twice, and to divide by 3 once.
In the general case, the pattern “101” need not change
based on the P divider value. To multiply by 14/3 instead
of 11/3, for example, the same “101” pattern would be
used, but we would alternate dividing by 5 and 4, instead
of dividing by 4 and 3. The P value, in effect, represents
the integer part of the multiplication factor.
The repeating binary bit pattern really depends only on
the number of times to divide by P, and the number of
times to divide by P-1. We label the number of times to
divide by P as QP, and the number of times to divide by
P-1 as QP–1. The fractional-N synthesizer generates its
output frequency as per this formula:
fFNOUT =
±
+
±
±
1
P
Q
P
Q
1
P
Q
P
× fREF
In our figure two example, we multiply by 11/3, or 4 - 1/3.
Matching against the formula, P = 4, QP–1 = 1,
and QP = 2.
The SY87729L accepts QP and QP–1 values from its
MicroWire™ interface, where they exist as the 5-bit
values “qp” and “qpm1.” Both values are unsigned binary
numbers. QP and QP–1 are both constrained to be 31 or
less, and their sum is also constrained to be 31 or less.
That means that the denominator in the above formula
must be 31 or less.
As would be expected from the formula, setting QP to
zero causes frequency multiplication exactly by P-1.
Setting QP–1 to zero causes frequency multiplication
exactly by P. The SY87729L behavior is undefined if
both QP and QP–1 are both set to zero.
In the general case, the length of the repeating binary bit
pattern is QP + QP–1. It consists of QP “1”, and QP–1
“0.”


Similar Part No. - SY87729L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87729L MICREL-SY87729L Datasheet
98Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87729L MICREL-SY87729L Datasheet
532Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87729LHI MICREL-SY87729LHI Datasheet
98Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87729LHI MICREL-SY87729LHI Datasheet
532Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87729LHI MICREL-SY87729LHI Datasheet
275Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
More results

Similar Description - SY87729L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87729L MICREL-SY87729L_07 Datasheet
275Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87729L MICREL-SY87729L Datasheet
98Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87729L MICREL-SY87729L_06 Datasheet
532Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87739L MICREL-SY87739L_07 Datasheet
335Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
SY87739L MICREL-SY87739L_11 Datasheet
451Kb / 17P
   Protocol Transparent, 3.3V, 10MHz to 729MHz, Fractional-N Synthesizer
SY87739L MICREL-SY87739L Datasheet
570Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
logo
Maxim Integrated Produc...
DS4026_0709 MAXIM-DS4026_0709 Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
logo
RF Micro Devices
RFSW6132 RFMD-RFSW6132 Datasheet
458Kb / 8P
   SP3T Symmetric Switch, 10MHz to 6000MHz
logo
Intersil Corporation
HA7210 INTERSIL-HA7210_05 Datasheet
314Kb / 15P
   10kHz to 10MHz, Low Power Crystal Oscillator
HA7210 INTERSIL-HA7210 Datasheet
127Kb / 15P
   10kHz to 10MHz, Low Power Crystal Oscillator
February 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com