Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY87739LHYTR Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # SY87739LHYTR
Description  Protocol Transparent, 3.3V, 10MHz to 729MHz, Fractional-N Synthesizer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87739LHYTR Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button SY87739LHYTR Datasheet HTML 7Page - Micrel Semiconductor SY87739LHYTR Datasheet HTML 8Page - Micrel Semiconductor SY87739LHYTR Datasheet HTML 9Page - Micrel Semiconductor SY87739LHYTR Datasheet HTML 10Page - Micrel Semiconductor SY87739LHYTR Datasheet HTML 11Page - Micrel Semiconductor SY87739LHYTR Datasheet HTML 12Page - Micrel Semiconductor SY87739LHYTR Datasheet HTML 13Page - Micrel Semiconductor SY87739LHYTR Datasheet HTML 14Page - Micrel Semiconductor SY87739LHYTR Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Micrel, Inc.
SY87739L
June 2011
11
M9999-061511
hbwhelp@micrel.com
This circuit further modifies the frequency generated by
the fractional-N loop. This comes in handy where digital
frequency and/or FEC is implemented. The wrapper
synthesizer generates just a few ratios near 1.
The wrapper modifies the frequency based on the values
of M and N, the dividers, as per:
540MHz
≤ f
WROUT =
+
×
=
×
P
1
P
1
P
FNOUT
Q
Q
Q
P
M
N
f
M
N
× f
REF ≤ 729MHz
Wrapper Phase-Frequency Detector
This circuit generates pump up and pump down signals
for the charge pump, and also generates delta phase for
the lock detector.
Wrapper Charge Pump
This circuit converts the pump signals from the phase-
frequency detector into current pulses. Charge pump
current is fixed at about 20µA. An external loop filter
integrates these current pulses into a control voltage.
Wrapper VCO
This circuit matches the fractional-N VCO in construction
and operation, so that the center frequency trim circuit
can center both the fractional-N VCO and the wrapper
VCO at about the same frequency.
or (408) 955-1690
Wrapper M Divider
This circuit forms the denominator of the ratio by which
the wrapper synthesizer modifies the fractional-N output
frequency. The division ratio is selected via MicroWire™,
as the 3-bit MdivSel register, as per Table 3.
MdivSel2
MdivSel1
MdivSel0
Divisor
0
0
0
16
0
0
1
16
0
1
0
18
0
1
1
17
1
0
0
31
1
0
1
14
1
1
0
32
1
1
1
15
Table 3. MdivSel Divisor Control
The divisors are in two sets. The first set consists of the
divisors 14, 15, 16, 17, and 18. The second set consists
of 31 and 32. Both M and N must be chosen from the
same set. For example, an N divisor of 31 and an M
divisor of 17 results in undefined behavior. The
M
N
ratio must be kept smaller than
14
17
, that is
14
18
is
not allowed.
Wrapper N Divider
This circuit forms the numerator of the ratio by which the
wrapper synthesizer modifies the fractional-N output
frequency. The division ratio is selected via MicroWire™,
wrapper and/or FEC is implemented. The wrapper as the
3-bit NdivSel register, as per Table 4.
NdivSel2
NdivSel1
NdivSel0
Divisor
0
0
0
16
0
0
1
16
0
1
0
18
0
1
1
17
1
0
0
31
1
0
1
14
1
1
0
32
1
1
1
15
Table 4. NdivSel Divisor Control
The output of the wrapper synthesizer is post divided
down before appearing at the CLKOUT± pins. Notice
that, given the range of the wrapper VCO (540MHz to
729MHz) and the maximum and minimum division ratios
of the P divider (1 to 60, as shown in Table 5), the
minimum and maximum frequency of CLKOUT± is
10MHz and 729MHz respectively.


Similar Part No. - SY87739LHYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87739LHYTR MICREL-SY87739LHYTR Datasheet
570Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
SY87739LHYTR MICREL-SY87739LHYTR Datasheet
335Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
More results

Similar Description - SY87739LHYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87739L MICREL-SY87739L_07 Datasheet
335Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
SY87739L MICREL-SY87739L Datasheet
570Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
SY87729L MICREL-SY87729L Datasheet
98Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87729L MICREL-SY87729L_06 Datasheet
532Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87729L MICREL-SY87729L_07 Datasheet
275Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com