Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58621L Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY58621L
Description  Precision 3.2Gbps CML/LVPECL Backplane
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58621L Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY58621L_10 Datasheet HTML 3Page - Micrel Semiconductor SY58621L_10 Datasheet HTML 4Page - Micrel Semiconductor SY58621L_10 Datasheet HTML 5Page - Micrel Semiconductor SY58621L_10 Datasheet HTML 6Page - Micrel Semiconductor SY58621L_10 Datasheet HTML 7Page - Micrel Semiconductor SY58621L_10 Datasheet HTML 8Page - Micrel Semiconductor SY58621L_10 Datasheet HTML 9Page - Micrel Semiconductor SY58621L_10 Datasheet HTML 10Page - Micrel Semiconductor SY58621L_10 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Micrel, Inc.
SY58621L
January 2006
7
M9999-012006-B
hbwhelp@micrel.com or (408) 955-1690
Receiver Output DC Electrical Characteristics
VCC = 3.3V ±10%, RL = 100Ω across the outputs; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage
(RXQ, /RXQ)
RL = 50Ω to VCC
VCC
–0.020
VCC
-0.010
VCC
V
VOUT
Output Voltage Swing
(RXQ, /RXQ)
See Figure 5a
325
400
500
mV
VDIFF_OUT
Differential Output Voltage Swing
(RXQ, /RXQ)
See Figure 5b
650
800
1000
mV
ROUT
Single-Ended Output Impedance
45
50
55
RDIFF_OUT
Differential Output Impedance
90
100
110
VOFFSET
Differential Output Offset
RL = 50Ω to VCC, limiting mode
–140
+140
mV
Transmitter Input DC Electrical Characteristics
VCC = 3.3V ±10%; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
RIN
Input Resistance
(TXIN to TXVT)
45
50
55
RDIFF_IN
Differential Input Resistance
(TXIN to /TXIN)
90
100
110
VIH
Input HIGH Voltage
(TXIN, /TXIN)
1.2
VCC
V
VIL
Input LOW Voltage
(TXIN, /TXIN)
0
VIH -0.1
V
VIN
Input Voltage Swing
(TXIN, /TXIN)
See Figure 5a
0.1
VCC
V
VDIFF_IN
Differential Input Voltage Swing
|TXIN - /TXIN|
See Figure 5b
0.2
V
VT_IN
TXIN, /TXIN to VT
1.28
V
VTXVREF-AC
Output Reference Voltage
VCC -1.4
VCC -1.3
VCC -1.3
V
VREF_CTRL
Output Reference Voltage
VCC -1.4
VCC -1.3
VCC -1.3
V
VTXVCTRL
Input Voltage
(TXVCTRL)
VREF_CTRL
VCC
V


Similar Part No. - SY58621L_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58621LMG MICREL-SY58621LMG Datasheet
303Kb / 19P
   Precision 3.2Gbps CML/LVPECL Backplane Transceiver with Integrated Loopback
SY58621LMGTR MICREL-SY58621LMGTR Datasheet
303Kb / 19P
   Precision 3.2Gbps CML/LVPECL Backplane Transceiver with Integrated Loopback
More results

Similar Description - SY58621L_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58621L MICREL-SY58621L Datasheet
303Kb / 19P
   Precision 3.2Gbps CML/LVPECL Backplane Transceiver with Integrated Loopback
SY89297U MICREL-SY89297U Datasheet
609Kb / 15P
   2.5/3.3V, 3.2Gbps Precision CML
SY58604U MICREL-SY58604U_11 Datasheet
739Kb / 13P
   3.2Gbps Precision, LVPECL Buffer
SY58620L MICREL-SY58620L_10 Datasheet
608Kb / 18P
   Precision 4.25Gbps CML Backplane
SY58607U MICREL-SY58607U_10 Datasheet
659Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout
SY58610U MICREL-SY58610U_10 Datasheet
716Kb / 14P
   3.2Gbps Precision, LVPECL 2:1 MUX with
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY58620L MICREL-SY58620L_06 Datasheet
311Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com