Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58626LMHTR Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY58626LMHTR
Description  DC-to-6.4Gbps Backplane Transmit Buffer with
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58626LMHTR Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY58626LMHTR Datasheet HTML 5Page - Micrel Semiconductor SY58626LMHTR Datasheet HTML 6Page - Micrel Semiconductor SY58626LMHTR Datasheet HTML 7Page - Micrel Semiconductor SY58626LMHTR Datasheet HTML 8Page - Micrel Semiconductor SY58626LMHTR Datasheet HTML 9Page - Micrel Semiconductor SY58626LMHTR Datasheet HTML 10Page - Micrel Semiconductor SY58626LMHTR Datasheet HTML 11Page - Micrel Semiconductor SY58626LMHTR Datasheet HTML 12Page - Micrel Semiconductor SY58626LMHTR Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Micrel, Inc.
SY58626L
June 2007
9
M9999-061207-C
hbwhelp@micrel.com or (408) 955-1690
Logic Control DC Electrical Characteristics
(8)
VCC = 3.3V ±10%; VEE = 0V; TA = 0°C to + 70°C; unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
Input HIGH Voltage
All control input pins
VTH+0.2
VCC
V
VIL
Input LOW Voltage
All control input pins
VEE
VTH–0.2
V
VCTRL
Output Swing Control Voltage
Range at TXVCTRL
VREF-CTRL
VCC
V
IIH
Input HIGH Current
300
µA
IIL
Input LOW Current
-300
µA
VTH
Threshold Input Voltage
Voltage applied to pin
(VEE = 0V)
1.4
VCC/2
2.6
V
Notes:
8. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. 500lfpm
Airflow. TJ < 125°C.


Similar Part No. - SY58626LMHTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58626LMHTR MICREL-SY58626LMHTR Datasheet
826Kb / 18P
   DC-to-6.4Gbps Backplane Transmit Buffer with Selectable Output Pre-emphasis, I/O DCOffset Control, and 200mV-3.0VPP Output Swing
More results

Similar Description - SY58626LMHTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58627L MICREL-SY58627L Datasheet
1Mb / 18P
   DC-to-6.4Gbps Backplane Receive Buffer with Four Stage Programmable Equalization and DC-Offset Control
SY58626L MICREL-SY58626L Datasheet
826Kb / 18P
   DC-to-6.4Gbps Backplane Transmit Buffer with Selectable Output Pre-emphasis, I/O DCOffset Control, and 200mV-3.0VPP Output Swing
logo
National Semiconductor ...
DS25BR120 NSC-DS25BR120 Datasheet
404Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS25BR120_0711 NSC-DS25BR120_0711 Datasheet
406Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
logo
Micrel Semiconductor
SY56020R MICREL-SY56020R_10 Datasheet
472Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56216R MICREL-SY56216R Datasheet
508Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML Dual Channel Buffer 4.5GHz/6.4Gbps with Equalization
SY56011R MICREL-SY56011R Datasheet
447Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
logo
Texas Instruments
DS25BR120 TI-DS25BR120 Datasheet
845Kb / 16P
[Old version datasheet]   DS25BR120 3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
logo
Micrel Semiconductor
SY56011R MICREL-SY56011R_11 Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56020XR MICREL-SY56020XR Datasheet
311Kb / 10P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com