Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58609UMGTR Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # SY58609UMGTR
Description  4.25Gbps Precision, CML 2:1 MUX with
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58609UMGTR Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button SY58609UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY58609UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY58609UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY58609UMGTR Datasheet HTML 9Page - Micrel Semiconductor SY58609UMGTR Datasheet HTML 10Page - Micrel Semiconductor SY58609UMGTR Datasheet HTML 11Page - Micrel Semiconductor SY58609UMGTR Datasheet HTML 12Page - Micrel Semiconductor SY58609UMGTR Datasheet HTML 13Page - Micrel Semiconductor SY58609UMGTR Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Micrel, Inc.
SY58609U
August 2007
11
M9999-082907-C
hbwhelp@micrel.com or (408) 955-1690
Input and Output Stage
Figure 2a. Simplified Differential Input Buffer
Single-Ended and Differential Swings
Figure 3a. Single-Ended Voltage Swing
Figure 3b. Differential Voltage Swing
Figure 2b. Simplified CML Output Buffer


Similar Part No. - SY58609UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58609UMGTR MICREL-SY58609UMGTR Datasheet
823Kb / 14P
   4.25Gbps Precision, CML 2:1 MUX with Internal Termination and Fail Safe Input
More results

Similar Description - SY58609UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58609U MICREL-SY58609U Datasheet
823Kb / 14P
   4.25Gbps Precision, CML 2:1 MUX with Internal Termination and Fail Safe Input
SY58606U MICREL-SY58606U_11 Datasheet
698Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer
SY58620L MICREL-SY58620L_10 Datasheet
608Kb / 18P
   Precision 4.25Gbps CML Backplane
SY58028U_0708 MICREL-SY58028U_0708 Datasheet
158Kb / 11P
   ULTRA PRECISION DIFFERENTIAL CML 4:1 MUX WITH 1:2 FANOUT
SY89845U MICREL-SY89845U_10 Datasheet
602Kb / 18P
   Precision CML Runt Pulse Eliminator 2:1 MUX
SY58620L MICREL-SY58620L_06 Datasheet
311Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
SY58620L MICREL-SY58620L Datasheet
662Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
SY58606U MICREL-SY58606U_09 Datasheet
581Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
SY58606U MICREL-SY58606U_14 Datasheet
681Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
SY58606U MICREL-SY58606U Datasheet
664Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com