Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58609U Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY58609U
Description  4.25Gbps Precision, CML 2:1 MUX with
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58609U Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY58609U Datasheet HTML 1Page - Micrel Semiconductor SY58609U Datasheet HTML 2Page - Micrel Semiconductor SY58609U Datasheet HTML 3Page - Micrel Semiconductor SY58609U Datasheet HTML 4Page - Micrel Semiconductor SY58609U Datasheet HTML 5Page - Micrel Semiconductor SY58609U Datasheet HTML 6Page - Micrel Semiconductor SY58609U Datasheet HTML 7Page - Micrel Semiconductor SY58609U Datasheet HTML 8Page - Micrel Semiconductor SY58609U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Micrel, Inc.
SY58609U
August 2007
5
M9999-082907-C
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
(8)
VCC = +2.5V ±5% or +3.3V ±10%, RL = 100
Ω across the outputs; Input t
R/tF < 300ps, TA = –40°C to +85°C, unless
otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Frequency
NRZ Data
4.25
Gbps
VOUT > 200mV
Clock
2.5
3
GHz
tPD
Propagation Delay
IN-to-Q
VIN: 100mV-200mV
180
330
450
ps
VIN: >200mV
140
270
370
ps
SEL-to-Q
150
450
ps
tSkew
Input-to-Input Skew
Note 9, 10
5
20
ps
Part-to-Part Skew
Note 11
150
ps
tJitter
Data
Random Jitter
Note 12
1
psRMS
Deterministic Jitter
Note 13
10
psPP
Clock
Cycle-to-Cycle Jitter
Note 14
1
psRMS
Total Jitter
Note 15
10
psPP
tR,tF
Output Rise/Fall Times
(20% to 80%)
At full output swing.
35
50
90
ps
Duty Cycle
Differential I/O
47
53
%
Notes:
8.
High-frequency AC-parameters are guaranteed by design and characterization.
9.
Input-to-Input skew is the time difference between the two inputs and one output, under identical input transitions.
9.
Input-to-Input Skew is included in IN-to-Q propagation delay.
11. Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature, same transition edge, and no skew at
the edges at the respective inputs.
12. Random jitter is measured with a K28.7 pattern, measured at
≤ f
MAX.
13. Deterministic jitter is measured at 2.5Gbps with both K28.5 and 2
23–1 PRBS pattern.
14. Cycle-to-cycle jitter definition: the variation period between adjacent cycles over a random sample of adjacent cycle pairs. tJITTER_CC = Tn –Tn+1,
where T is the time between rising edges of the output signal.
15. Total jitter definition: with an ideal clock input frequency of
≤ f
MAX (device), no more than one output edge in 10^12 output edges will deviate by
more than the specified peak-to-peak jitter value.


Similar Part No. - SY58609U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58609U MICREL-SY58609U Datasheet
823Kb / 14P
   4.25Gbps Precision, CML 2:1 MUX with Internal Termination and Fail Safe Input
SY58609U MICREL-SY58609U Datasheet
783Kb / 14P
   3.2Gbps Precision, LVPECL 2:1 MUX with Internal Termination and Fail Safe Input
SY58609UMG MICREL-SY58609UMG Datasheet
823Kb / 14P
   4.25Gbps Precision, CML 2:1 MUX with Internal Termination and Fail Safe Input
SY58609UMGTR MICREL-SY58609UMGTR Datasheet
823Kb / 14P
   4.25Gbps Precision, CML 2:1 MUX with Internal Termination and Fail Safe Input
More results

Similar Description - SY58609U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58609U MICREL-SY58609U Datasheet
823Kb / 14P
   4.25Gbps Precision, CML 2:1 MUX with Internal Termination and Fail Safe Input
SY58606U MICREL-SY58606U_11 Datasheet
698Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer
SY58620L MICREL-SY58620L_10 Datasheet
608Kb / 18P
   Precision 4.25Gbps CML Backplane
SY58028U_0708 MICREL-SY58028U_0708 Datasheet
158Kb / 11P
   ULTRA PRECISION DIFFERENTIAL CML 4:1 MUX WITH 1:2 FANOUT
SY89845U MICREL-SY89845U_10 Datasheet
602Kb / 18P
   Precision CML Runt Pulse Eliminator 2:1 MUX
SY58620L MICREL-SY58620L_06 Datasheet
311Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
SY58620L MICREL-SY58620L Datasheet
662Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
SY58606U MICREL-SY58606U_09 Datasheet
581Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
SY58606U MICREL-SY58606U_14 Datasheet
681Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
SY58606U MICREL-SY58606U Datasheet
664Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com