Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58607UMGTR Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY58607UMGTR
Description  3.2Gbps Precision, 1:2 LVPECL Fanout
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58607UMGTR Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY58607UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY58607UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY58607UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY58607UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY58607UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY58607UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY58607UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY58607UMGTR Datasheet HTML 9Page - Micrel Semiconductor SY58607UMGTR Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Micrel, Inc.
SY58607U
August 2007
6
M9999-082907-B
hbwhelp@micrel.com or (408) 955-1690
Functional Description
Fail-Safe Input (FSI)
The input includes a special failsafe circuit to sense
the amplitude of the input signal and to latch the
outputs when there is no input signal present, or
when the amplitude of the input signal drops
sufficiently
below
100mVPK (200mVPP), typically
30mVPK. Maximum frequency of SY58607U is limited
by the FSI function.
Input Clock Failure Case
If the input clock fails to a floating, static, or extremely
low signal swing, the FSI function will eliminate a
metastable condition and guarantee a stable output.
No ringing and no undetermined state will occur at the
output under these conditions.
Note that the FSI function will not prevent duty cycle
distortion in case of a slowly deteriorating (but still
toggling) input signal. Due to the FSI function, the
propagation delay will depend on rise and fall time of
the input signal and on its amplitude. Refer to “Typical
Characteristics” for detailed information.
Timing Diagrams
Figure 1a. Propagation Delay
Figure 1b. Fail Safe Feature


Similar Part No. - SY58607UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58607UMGTR MICREL-SY58607UMGTR Datasheet
667Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout Buffer with Internal Termination and Fail Safe Input
More results

Similar Description - SY58607UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58608U MICREL-SY58608U_10 Datasheet
677Kb / 12P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer
SY58610U MICREL-SY58610U_10 Datasheet
716Kb / 14P
   3.2Gbps Precision, LVPECL 2:1 MUX with
SY58607U MICREL-SY58607U Datasheet
667Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout Buffer with Internal Termination and Fail Safe Input
SY58604U MICREL-SY58604U_11 Datasheet
739Kb / 13P
   3.2Gbps Precision, LVPECL Buffer
SY89464U MICREL-SY89464U_10 Datasheet
720Kb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt
SY89846U MICREL-SY89846U_11 Datasheet
689Kb / 15P
   1.5GHz Precision, LVPECL 1:5 Fanout with 2:1
SY89473U MICREL-SY89473U Datasheet
565Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
SY89473U MICREL-SY89473U_07 Datasheet
572Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
SY58621L MICREL-SY58621L_10 Datasheet
1Mb / 20P
   Precision 3.2Gbps CML/LVPECL Backplane
SY58029U_0708 MICREL-SY58029U_0708 Datasheet
206Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com