Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58605U Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY58605U
Description  3.2Gbps Precision, LVDS Buffer with
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58605U Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY58605U Datasheet HTML 4Page - Micrel Semiconductor SY58605U Datasheet HTML 5Page - Micrel Semiconductor SY58605U Datasheet HTML 6Page - Micrel Semiconductor SY58605U Datasheet HTML 7Page - Micrel Semiconductor SY58605U Datasheet HTML 8Page - Micrel Semiconductor SY58605U Datasheet HTML 9Page - Micrel Semiconductor SY58605U Datasheet HTML 10Page - Micrel Semiconductor SY58605U Datasheet HTML 11Page - Micrel Semiconductor SY58605U Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Micrel, Inc.
SY58605U
August 2007
8
M9999-082907-B
hbwhelp@micrel.com or (408) 955-1690
Functional Characteristics
VCC = 2.5V, GND = 0V, VIN = 250mV, Data Pattern: 2
23-1, R
L = 100
Ω across the outputs, T
A = 25°C, unless otherwise
stated.


Similar Part No. - SY58605U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58605U MICREL-SY58605U Datasheet
633Kb / 12P
   3.2Gbps Precision, LVDS Buffer with Internal Termination and Fail Safe Input
SY58605UMG MICREL-SY58605UMG Datasheet
633Kb / 12P
   3.2Gbps Precision, LVDS Buffer with Internal Termination and Fail Safe Input
SY58605UMGTR MICREL-SY58605UMGTR Datasheet
633Kb / 12P
   3.2Gbps Precision, LVDS Buffer with Internal Termination and Fail Safe Input
More results

Similar Description - SY58605U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58608U MICREL-SY58608U_10 Datasheet
677Kb / 12P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer
SY58605U MICREL-SY58605U Datasheet
633Kb / 12P
   3.2Gbps Precision, LVDS Buffer with Internal Termination and Fail Safe Input
SY58604U MICREL-SY58604U_11 Datasheet
739Kb / 13P
   3.2Gbps Precision, LVPECL Buffer
SY58608U MICREL-SY58608U_14 Datasheet
918Kb / 14P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58608U MICREL-SY58608U Datasheet
282Kb / 12P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58604U MICREL-SY58604U_08 Datasheet
585Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58604U MICREL-SY58604U Datasheet
660Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58611U MICREL-SY58611U Datasheet
606Kb / 13P
   3.2Gbps Precision, LVDS 2:1 MUX with Internal Termination and Fail Safe Input
SY58610U MICREL-SY58610U_10 Datasheet
716Kb / 14P
   3.2Gbps Precision, LVPECL 2:1 MUX with
SY89838U MICREL-SY89838U_10 Datasheet
349Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com