Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58040U Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY58040U
Description  ULTRA PRECISION 4횞4 CML SWITCH WITH INTERNAL I/O TERMINATION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58040U Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY58040U Datasheet HTML 1Page - Micrel Semiconductor SY58040U Datasheet HTML 2Page - Micrel Semiconductor SY58040U Datasheet HTML 3Page - Micrel Semiconductor SY58040U Datasheet HTML 4Page - Micrel Semiconductor SY58040U Datasheet HTML 5Page - Micrel Semiconductor SY58040U Datasheet HTML 6Page - Micrel Semiconductor SY58040U Datasheet HTML 7Page - Micrel Semiconductor SY58040U Datasheet HTML 8Page - Micrel Semiconductor SY58040U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
SY58040U
Micrel, Inc.
M9999-103009
hbwhelp@micrel.com or (408) 955-1690
PACkAGE/ORDERINGINFORMATION
OrderingInformation(1)
Package Operating
Package
PartNumber
Type
Range
Marking
SY58040UMY(3)
QFN-44
Industrial SY58040U Pb-Free
Pb-Free
bar-line indicator
SY58040UMYTR(2, 3) QFN-44
Industrial SY58040U Pb-Free
Pb-Free
bar-line indicator
Notes:
1. Contact factory for die availability. Dice are guaranteed at TA = 25°C, DC electricals only.
2. Tape and Reel.
3. Pb-Free package recommended for new designs.
PinNumber PinName
PinFunction
17, 15,
IN0, /IN0
Differential Inputs: These input pairs are the differential signal inputs to the device. Inputs accept
10, 8,
IN1, /IN1
AC or DC-coupled signals as small as 100mV. Each pin of a pair internally terminates to a VT pin
4, 2,
IN2, /IN2
through 50Ω. Note that these inputs will default to an indeterminate state if left open. Please refer to
41, 39
IN3, /IN3
the “Input Interface Applications” section for more details.
16, 9,
VT0, VT1
Input Termination Center-Tap: Each side of the differential input pair terminates to a VT pin. The VT
3, 40
VT2, VT3
pins provide a center-tap to a termination network for maximum interface flexibility. See “Input
Interface Applications” section for more details.
14,
VRef_AC0
Reference Voltage: This output biases to VCC–1.2V. It is used when AC coupling the inputs.
11,
VRef_AC1
Connect VRef-AC output pin to the VT input pin. Bypass each VRef-AC pin with a 0.01µF low ESR
1,
VRef_AC2
capacitor to VCC. See “Input Interface Applications” section for more details.
42
VRef_AC3
18
SIN0
These single-ended TTL/CMOS-compatible inputs address the data inputs. Note that these inputs
19
SIN1
are internally connected to a 25kΩ pull-up resistor and will default to a logic HIGH state if left open.
38
SOUT0
These single-ended TTL/CMOS-compatible inputs address the data outputs. Note that these inputs
37
SOUT1
are internally connected to a 25kΩ pullup resistor and will default to a logic HIGH state if left open.
5
CONF,
These single-ended TTL/CMOS compatible inputs control the transfer of the addresses to the
7
LOAD
internal multiplexers. See “Address Tables” and “Timing Diagram” sections for more details. Note
that these inputs are internally connected to a 25kΩ pull-up resistor and will default to a logic HIGH
state if left open.
Configuration Sequence
1. Load: Loads configuration into buffer, while Configuration Buffer holds existing switch configuration.
2. Configuration: Loads new configuration into the Configuration Buffer and updates switch configuration.
Buffer Mode
The SY58040U defaults to buffer mode (IN-to-Q) if the load and configuration control signals are floating.
23, 24,
Q0, /Q0,
Differential Outputs: These CML output pairs are the outputs of the device. Please refer to the truth
26, 27,
Q1, /Q1,
table below for details. Unused output pairs may be left open. Each output is designed to drive
29, 30
Q2, /Q2,
400mV into 100Ω across the pair, or 50Ω to VCC.
32, 33
Q3, /Q3,
6, 22, 25,
VCC
Positive power supply. Bypass with 0.1µF//0.01µF low ESR capacitors and place as close to each
28, 31, 34
VCC pin.
12, 13, 20, 21,
GND,
Ground. GND and EPad must both be connected to most negative potential of chip ground.
35, 36, 43, 44 Exposed pad
PIN DESCRIPTION
44-PinQFN(QFN-44)


Similar Part No. - SY58040U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58040U MICREL-SY58040U Datasheet
120Kb / 11P
   ULTRA PRECISION 4 X 4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58040U MICREL-SY58040U Datasheet
181Kb / 12P
   ULTRA PRECISION 4 4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58040UMG MICREL-SY58040UMG Datasheet
181Kb / 12P
   ULTRA PRECISION 4 4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58040UMGTR MICREL-SY58040UMGTR Datasheet
181Kb / 12P
   ULTRA PRECISION 4 4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58040UMI MICREL-SY58040UMI Datasheet
120Kb / 11P
   ULTRA PRECISION 4 X 4 CML SWITCH WITH INTERNAL I/O TERMINATION
More results

Similar Description - SY58040U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58040U MICREL-SY58040U_07 Datasheet
181Kb / 12P
   ULTRA PRECISION 4 4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58040U MICREL-SY58040U_09 Datasheet
501Kb / 12P
   ULTRA PRECISION 4 X 4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58040U MICREL-SY58040U Datasheet
120Kb / 11P
   ULTRA PRECISION 4 X 4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_10 Datasheet
679Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58017U MICREL-SY58017U_07 Datasheet
285Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58017U_0708 MICREL-SY58017U_0708 Datasheet
116Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58025U_0708 MICREL-SY58025U_0708 Datasheet
332Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
SY58025U MICREL-SY58025U_07 Datasheet
225Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_11 Datasheet
562Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U Datasheet
610Kb / 8P
   ULTRA-PRECISION 1:8 CML FANOUT BUFFER WITH INTERNAL I/O TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com