Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58020UMG Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY58020UMG
Description  6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58020UMG Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY58020UMG Datasheet HTML 1Page - Micrel Semiconductor SY58020UMG Datasheet HTML 2Page - Micrel Semiconductor SY58020UMG Datasheet HTML 3Page - Micrel Semiconductor SY58020UMG Datasheet HTML 4Page - Micrel Semiconductor SY58020UMG Datasheet HTML 5Page - Micrel Semiconductor SY58020UMG Datasheet HTML 6Page - Micrel Semiconductor SY58020UMG Datasheet HTML 7Page - Micrel Semiconductor SY58020UMG Datasheet HTML 8Page - Micrel Semiconductor SY58020UMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Precision Edge®
SY58020U
Micrel, Inc.
M9999-102811
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
- Precision 1:4, 400mV CML fanout buffer
- Low jitter performance:
• 116fsRMS phase jitter (typ)
- Guaranteed AC performance over temperature/
voltage:
• > 6GHz fMAX clock
• < 60ps tr /tf times
• < 250ps tpd
• < 15ps max. skew
- Accepts an input signal as low as 100mV
- Unique input termination and VT pin accepts
DC-coupled and AC-coupled differential
inputs: LVPECL, LVDS, and CML
- 50ohms source terminated CML outputs
- Power supply 2.5V ±5% and 3.3V ±10%
- Industrial temperature range: –40°C to +85°C
- Available in 16-pin (3mm * 3mm) QFN package
FEATURES
6GHz, 1:4 CML FANOUT
BUFFER/TRANSLATOR WITH
INTERNAL I/O TERMINATION
Precision Edge®
SY58020U
APPLICATIONS
- All SONET and All GigE clock distribution
- Fibre Channel clock and data distribution
- Backplane distribution
- Data distribution: OC-48, OC-48+FEC, XAUI
- High-end, low skew, multiprocessor synchronous
clock distribution
Rev.: C
Amendment: /0
Issue Date: October 2011
The SY58020U is a 2.5V/3.3V precision, high-speed, fully
differential 1:4 CML fanout buffer. Optimized to provide four
identical output copies with less than 15ps of skew and only
116fsRMS phase jitter, the SY58020U can process clock
signals as fast as 6GHz.
The differential input includes Micrel’s unique, 3-pin input
termination architecture interfaces to differential LVPECL,
LVDS, and CML signals (AC- or DC-coupled) as small as
100mV without any level-shifting or termination resistor
networks in the signal path. For AC-coupled input interface
applications, an on-board output reference voltage (VREF-
AC) is provided to bias the VT pin. The outputs are optimized
to drive 400mV typical swing into 50ohms loads, with
extremely fast rise/fall times guaranteed to be under 60ps.
The SY58020U operates from a 2.5V ±5% supply or
3.3V ±10% supply and is guaranteed over the full industrial
temperature range (–40°C to +85°C). For applications that
require LVPECL outputs, consider the SY58021U or
SY58022U 1:4 fanout buffer with 800mV and 400mV output
swing, respectively. The SY58020U is part of Micrel’s high-
speed, Precision Edge® product line. Data sheets and
support documentation can be found on Micrel’s web site at
www.micrel.com.
Precision Edge is a registered trademark of Micrel, Inc.
Precision Edge®
FUNCTIONAL BLOCK DIAGRAM
TYPICAL PERFORMANCE
IN
/IN
Q1
/Q1
Q0
/Q0
VT
50
Ω
50
Ω
VREF-AC
Q3
/Q3
Q2
/Q2
2GHz Output
TIME (70ps/div.)


Similar Part No. - SY58020UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58020UMG MICREL-SY58020UMG Datasheet
131Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020UMG MICREL-SY58020UMG Datasheet
567Kb / 12P
   6GHz, 1:4 CML Fanout Buffer/Translator with Internal I/O Termination
SY58020UMGTR MICREL-SY58020UMGTR Datasheet
131Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020UMGTR MICREL-SY58020UMGTR Datasheet
567Kb / 12P
   6GHz, 1:4 CML Fanout Buffer/Translator with Internal I/O Termination
More results

Similar Description - SY58020UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58020U MICREL-SY58020U_14 Datasheet
567Kb / 12P
   6GHz, 1:4 CML Fanout Buffer/Translator with Internal I/O Termination
SY58020U MICREL-SY58020U Datasheet
120Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020U MICREL-SY58020U_07 Datasheet
131Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58011U MICREL-SY58011U_08 Datasheet
195Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58011U MICREL-SY58011U Datasheet
200Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58034U MICREL-SY58034U Datasheet
534Kb / 11P
   6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
SY58034U_0708 MICREL-SY58034U_0708 Datasheet
125Kb / 11P
   6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_10 Datasheet
679Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_11 Datasheet
562Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U Datasheet
610Kb / 8P
   ULTRA-PRECISION 1:8 CML FANOUT BUFFER WITH INTERNAL I/O TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com