Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58026U Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY58026U
Description  ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58026U Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY58026U Datasheet HTML 1Page - Micrel Semiconductor SY58026U Datasheet HTML 2Page - Micrel Semiconductor SY58026U Datasheet HTML 3Page - Micrel Semiconductor SY58026U Datasheet HTML 4Page - Micrel Semiconductor SY58026U Datasheet HTML 5Page - Micrel Semiconductor SY58026U Datasheet HTML 6Page - Micrel Semiconductor SY58026U Datasheet HTML 7Page - Micrel Semiconductor SY58026U Datasheet HTML 8Page - Micrel Semiconductor SY58026U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Precision Edge®
SY58026U
M9999-082707
hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
PACKAGE/ORDERING INFORMATION
Pin Number
Pin Name
Pin Function
25, 28,
INA0, /INA0,
Differential Inputs: These input pairs are the differential signal inputs to the device. Inputs
29, 32,
INA1, /INA1,
accept AC- or DC-coupled differential signals as small as 100mV. Each pin of a pair internally
1, 4,
INB0, /INB0,
terminates to a VT pin through 50ý. Note that these inputs will default to an indeterminate
5, 8
INB1, /INB1
state if left open. Unused differential input pairs can be terminated by connecting one input
to VCC and the complementary input to GND through a 1ký resistor. The VT pin is to be
left open in this configuration. Please refer to the “Input Interface Applications” section for
more details.
26, 30, 2, 6
VTA0 , VTA1,
Input Termination Center-Tap: Each side of the differential input pair, terminates to a VT
VTB0, VTB1
pin. Each VT pin provides a center-tap to a termination network for maximum interface
flexibility. See “Input Interface Applications” section for more details.
18, 15
SELA, SELB
Bank A, Bank B Input Channel Select (TTL/CMOS): These TTL/CMOS-compatible inputs
select the inputs to the multiplexers. These inputs are internally connected to a 25ký
pull-up resistor and will default to a logic HIGH state if left open. Input switching threshold
is VCC/2.
27, 31, 3, 7
VREF-ACA0,
Reference Output Voltage: These outputs bias to VCC –1.2V. Connect to VT pin when
VREF-ACA1,
AC-coupling the data inputs. Bypass with 0.01µF low ESR capacitor to VCC.
VREF-ACB0,
Maximum current source or sink is 0.5mA. See “Input Interface Applications” section.
VREF-ACB1
10, 13, 16,
VCC
Positive Power Supply: Bypass with 0.1µF
™ℑ0.01µF low ESR capacitors.
17, 20, 23
22, 21,
QA, /QA,
Differential 100k LVPECL Outputs: MUX A and MUX B selected LVPECL outputs.
12, 11
QB, /QB
See “Output Interface Applications” section for termination. Refer to the “Truth Table” for
logic operation.
9, 24
GND,
Ground: Ground pins and exposed pad must be connected to the same ground plane.
Exposed pad
14, 19
NC
Not connected.
PIN DESCRIPTION
24
23
22
21
20
19
18
17
GND
VCC
QA
/QA
VCC
NC
SELA
VCC
INB0
VTB0
VREF-ACB0
/INB0
INB1
VTB1
VREF-ACB1
/INB1
1
2
3
4
5
6
7
8
910 11 12 13 14 15 16
32 31 30 29 28 27 26 25
32-Pin MLF® (MLF-32)
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY58026UMI
MLF-32
Industrial
SY58026U
Sn-Pb
SY58026UMITR(2)
MLF-32
Industrial
SY58026U
Sn-Pb
SY58026UMG
MLF-32
Industrial
SY58026U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY58026UMGTR(2)
MLF-32
Industrial
SY58026U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at TA = 25°C, DC electricals only.
2. Tape and Reel.


Similar Part No. - SY58026U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58026U MICREL-SY58026U Datasheet
324Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58026U MICREL-SY58026U Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58026UMG MICREL-SY58026UMG Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58026UMGTR MICREL-SY58026UMGTR Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58026UMI MICREL-SY58026UMI Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
More results

Similar Description - SY58026U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58026U MICREL-SY58026U Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58027U_0708 MICREL-SY58027U_0708 Datasheet
154Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58027U MICREL-SY58027U Datasheet
164Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58018U MICREL-SY58018U Datasheet
118Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U MICREL-SY58018U_07 Datasheet
225Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U_0708 MICREL-SY58018U_0708 Datasheet
173Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U MICREL-SY58019U_07 Datasheet
326Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U_0709 MICREL-SY58019U_0709 Datasheet
230Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U MICREL-SY58019U Datasheet
324Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY89853U MICREL-SY89853U Datasheet
578Kb / 13P
   Precision Low-Power Dual 2:1 LVPECL MUX with Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com