Electronic Components Datasheet Search |
|
SY58024U Datasheet(PDF) 1 Page - Micrel Semiconductor |
|
SY58024U Datasheet(HTML) 1 Page - Micrel Semiconductor |
1 / 11 page 1 Precision Edge® SY58024U Micrel, Inc. M9999-082807 hbwhelp@micrel.com or (408) 955-1690 DESCRIPTION ■ Guaranteed AC performance over temperature and voltage: • >10.7Gbps data throughput • <60ps tr/tf times • <350ps tpd (IN-to-Q) • <20ps skew ■ Low jitter: • <10psPP total jitter (clock) • <1psRMS random jitter (data) • <10psPP deterministic jitter (data) ■ Crosstalk induced jitter: <0.7ps RMS ■ Unique, patent-pending input isolation minimizes adjacent channel crosstalk ■ Accepts an input signal as low as 100mV ■ Unique, patent-pending input termination and VT pin accepts DC-coupled and AC-coupled differential inputs: LVPECL, LVDS, and CML ■ Fully differential inputs/outputs ■ 50Ω source terminated CML outputs ■ Power supply 2.5V ±5% and 3.3V ±10% ■ Industrial –40°C to +85°C temperature range ■ Available in 32-pin (5mm × × × × × 5mm) MLF® package FEATURES Rev.: I Amendment: /0 Issue Date: August 2007 The SY58024U is a 2.5V/3.3V precision, high-speed, fully differential dual CML crosspoint switch. The SY58024U is optimized to provide two identical output copies with less than 20ps of skew and ultra-low jitter. The SY58024U can process clock signals as fast as 6GHz or data patterns up to 10.7Gbps. The differential input includes Micrel’s unique, 3-pin input termination architecture that allows the SY58024U to directly interface to LVPECL, LVDS, and CML differential signal (AC- or DC-coupled) without any level-shifting or termination resistor networks in the signal path. The CML outputs features a 400mV typical swing into 50Ω loads, and provides an extremely fast rise/fall time guaranteed to be less than 60ps. The SY58024U operates from a 2.5V ±5% supply or 3.3V ±10% supply and is guaranteed over the full industrial temperature range (–40°C to +85°C). For applications that require high-speed single channel CML switches, consider the SY58023U. The SY58024U is part of Micrel’s high- speed, Precision Edge® product line. Datasheets and support documentation can be found on Micrel’s website at: www.micrel.com. Precision Edge is a registered trademark of Micrel, Inc. MLF and MicroLeadFrame are registered trademarks of Amkor Technology. Precision Edge® APPLICATIONS ■ Gigabit Ethernet data/clock routing ■ SONET data/clocking routing ■ Switch fabric clock routing ■ Redundant switchover ■ Backplane redundancy Precision Edge® SY58024U ULTRA-LOW JITTER DUAL 2 × × × × × 2 CROSSPOINT SWITCH w/ CML OUTPUTS AND INTERNAL I/O TERMINATION |
Similar Part No. - SY58024U |
|
Similar Description - SY58024U |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |