Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY56572XRMG Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY56572XRMG
Description  Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY56572XRMG Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY56572XRMG Datasheet HTML 3Page - Micrel Semiconductor SY56572XRMG Datasheet HTML 4Page - Micrel Semiconductor SY56572XRMG Datasheet HTML 5Page - Micrel Semiconductor SY56572XRMG Datasheet HTML 6Page - Micrel Semiconductor SY56572XRMG Datasheet HTML 7Page - Micrel Semiconductor SY56572XRMG Datasheet HTML 8Page - Micrel Semiconductor SY56572XRMG Datasheet HTML 9Page - Micrel Semiconductor SY56572XRMG Datasheet HTML 10Page - Micrel Semiconductor SY56572XRMG Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Micrel, Inc.
SY56572XR
April 2010
7
M9999-041510-A
hbwhelp@micrel.com or (408) 955-1690
Functional Description
CML Output Termination with Vcco 1.2V
For VCCO of 1.2V, Figure 5a, terminate the output with
50
Ωto 1.2V, not 100Ω differentially across the outputs. If
AC coupling is used, Figure 5d, terminate into 50
Ω to
1.2V before the coupling capacitor and then connect to a
high value resistor to a reference voltage. Any unused
output pair with VCCO at 1.2V needs to be terminated,
do not leave floating.
CML Output Termination with VCCO 1.8V, 2.5V
For VCCO of 1.8V or 2.5V, Figure 5a/b, terminate with
either 50
Ω to 1.8V or 100Ω differentially across the
outputs. AC-or DC-coupling is fine. For best signal
integrity, terminate any unused output pairs.
Timing Diagrams
Figure 1a. IN-to-Q Timing Diagram
Figure 1b. SEL-to-Q Timing Diagram
(Qx state can be high or low depending on input data)


Similar Part No. - SY56572XRMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY56572XRMG MICREL-SY56572XRMG Datasheet
356Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56572XRMGTR MICREL-SY56572XRMGTR Datasheet
356Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
More results

Similar Description - SY56572XRMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY56028XR MICREL-SY56028XR Datasheet
349Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56028XR_1009 MICREL-SY56028XR_1009 Datasheet
330Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56572XR MICREL-SY56572XR Datasheet
356Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56017R MICREL-SY56017R Datasheet
502Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2:1 MUX 6.4Gbps with Equalization
SY56020R MICREL-SY56020R_10 Datasheet
472Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56011R MICREL-SY56011R_11 Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56011R MICREL-SY56011R Datasheet
447Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56020XR MICREL-SY56020XR Datasheet
311Kb / 10P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56020R MICREL-SY56020R Datasheet
430Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56023R MICREL-SY56023R Datasheet
508Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2x2 Crosspoint Switch 6.4Gbps with Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com