Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY54020ARMGTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY54020ARMGTR
Description  Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN 3.2Gbps, 3.2GHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY54020ARMGTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY54020ARMGTR Datasheet HTML 1Page - Micrel Semiconductor SY54020ARMGTR Datasheet HTML 2Page - Micrel Semiconductor SY54020ARMGTR Datasheet HTML 3Page - Micrel Semiconductor SY54020ARMGTR Datasheet HTML 4Page - Micrel Semiconductor SY54020ARMGTR Datasheet HTML 5Page - Micrel Semiconductor SY54020ARMGTR Datasheet HTML 6Page - Micrel Semiconductor SY54020ARMGTR Datasheet HTML 7Page - Micrel Semiconductor SY54020ARMGTR Datasheet HTML 8Page - Micrel Semiconductor SY54020ARMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SY54020AR
Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout
Buffer with /EN 3.2Gbps, 3.2GHz
Precision Edge is a registered trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
April 2009
M9999-041409-A
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY54020AR is a fully differential, low voltage
1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with active-low
Enable (/EN). The Enable is synchronous so that the
outputs will only be enabled/disabled when they are
already in the LOW state. This avoids any chance of
generating a runt clock pulse when the device is
enabled/disabled as can happen with an asynchronous
control. When this device is used as a clock fanout,
disabling the downstream clock may reduce system
power. The SY54020AR can process clock signals as
fast as 3.2 GHz or data patterns up to 3.2Gbps.
The differential input includes Micrel’s unique, 3-pin
input termination architecture that interfaces to LVPECL,
LVDS or CML differential signals as small as 100mV
(200mVpp) without any level-shifting or termination
resistor networks in the signal path. For AC-coupled
input
interface
applications,
an
internal
voltage
reference is provided to bias the VT pin. The outputs are
CML, with extremely fast rise/fall times guaranteed to be
less than 100ps.
The SY54020AR operates from a 2.5V ±5% core supply
and a 1.2V, 1.8V or 2.5V ±5% output supply and is
guaranteed over the full industrial temperature range (–
40°C to +85°C).
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Functional Block Diagram
Precision Edge
®
Features
• 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer
• Active-low Enable (/EN) input to disable the outputs
• Guaranteed AC performance over temperature and
voltage:
– DC-to > 3.2Gbps Data throughput
– DC-to > 3.2GHz Clock throughput
– <320 ps propagation delay (IN-to-Q)
– <20ps within-device skew
– <100 ps rise/fall times
• Ultra-low jitter design
– <1psRMS cycle-to-cycle jitter
• High-speed CML outputs
• 2.5V ±5% V
CC , 1.2/1.8V/2.5V ±5% VCCO power supply
operation
• Industrial temperature range: –40°C to +85°C
• Available in 16-pin (3mm x 3mm) MLF® package
Applications
• SONET clock and data distribution
• Fibre Channel clock and data distribution
• Gigabit Ethernet clock and data distribution
Markets
• Storage
• ATE
• Test and measurement
• Enterprise networking equipment
• High-end servers
• Access
• Metro area network equipment


Similar Part No. - SY54020ARMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY54020AR MICREL-SY54020AR Datasheet
552Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN 3.2Gbps, 3.2GHz
More results

Similar Description - SY54020ARMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY54020AR MICREL-SY54020AR Datasheet
552Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN 3.2Gbps, 3.2GHz
SY54011R MICREL-SY54011R_10 Datasheet
517Kb / 10P
   Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
SY54011R MICREL-SY54011R Datasheet
481Kb / 10P
   Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
SY54020R MICREL-SY54020R_09 Datasheet
556Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN and Fail-Safe Input 3.2Gbps
SY54020R MICREL-SY54020R Datasheet
556Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN and Fail-Safe Input 3.2Gbps, 2.5GHz
SY56020R MICREL-SY56020R_10 Datasheet
472Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56020XR MICREL-SY56020XR Datasheet
311Kb / 10P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56020R MICREL-SY56020R Datasheet
430Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY54023AR MICREL-SY54023AR Datasheet
520Kb / 14P
   Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch 3.2Gbps, 3.2GHz
SY56011R MICREL-SY56011R_11 Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com