Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY55852UKGTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY55852UKGTR
Description  D FLIP-FLOP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY55852UKGTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY55852UKGTR Datasheet HTML 1Page - Micrel Semiconductor SY55852UKGTR Datasheet HTML 2Page - Micrel Semiconductor SY55852UKGTR Datasheet HTML 3Page - Micrel Semiconductor SY55852UKGTR Datasheet HTML 4Page - Micrel Semiconductor SY55852UKGTR Datasheet HTML 5Page - Micrel Semiconductor SY55852UKGTR Datasheet HTML 6Page - Micrel Semiconductor SY55852UKGTR Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
SuperLite™
SY55852U
Micrel, Inc.
M9999-060407
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Supply Voltage (V
CC) .................................. –0.5V to +6.0V
CML Output Voltage .......................... V
CC –1.0 to VCC +0.5
Lead Temperature (soldering, 20 sec.) ..................... 260
°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Operating Ratings(2)
Supply Voltage (V
IN) .............................. –0.5 to VCC +0.5V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Package Thermal Resistance
MSOP (
θ
JA)
Still-Air ........................................................... 113
°C/W
500lpfm ............................................................ 96
°C/W
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is
not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng
conditions for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
V
CC = +2.3V to +5.7V; GND = 0V; TA = –40°C to +85°C; unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply Voltage
2.3
5.7
V
ICC
Power Supply Current
36
mA
Note:
1. The device is guaranteed to meet the DC specifications, shown in the table above, after thermal equilibrium has been established. The device is
tested in a socket such that transverse airflow of >500lfpm is maintained.
DC ELECTRICAL CHARACTERISTICS(1)
V
CC = +2.3V to +5.7V; GND = 0V; TA = –40°C to +85°C; unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VID
Differential Input Voltage
100
mV
VIH
Input HIGH Voltage
Note 2
1.6
VCC
V
VIL
Input LOW Voltage
Note 2
1.5
VCC – 0.1
V
VOH
Output HIGH Voltage
No Load
VCC – 0.020 VCC – 0.010
VCC
V
VOL
Output LOW Voltage
No Load
VCC – 0.97 VCC – 0.825 VCC – 0.660
V
VOS
Output Voltage Swing
No Load, Note 3
0.660
0.800
0.950
V
50
Ω Environment, Note 4
0.200
V
100
Ω Environment, Note 5
0.400
V
RDRIVE
Output Source Impedance
80
100
120
Notes:
1. Equilibrium temperature.
2. Inputs must be biased to logic LOW or HIGH when VCC is less than 3.0V.
3. Actual voltage levels and differential swing will depend on customer termination scheme. Typically, a 400mV swing is available in the 100
Ω environ-
ment and a 200mV swing in the 50
Ω environment. Refer to the “CML Termination” diagram for more details.
4. See Figure 3a and 3b.
5. See Figure 4.
CML DC ELECTRICAL CHARACTERISTICS(1)


Similar Part No. - SY55852UKGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55852UKGTR MICREL-SY55852UKGTR Datasheet
54Kb / 7P
   D FLIP-FLOP
More results

Similar Description - SY55852UKGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55852U MICREL-SY55852U Datasheet
54Kb / 7P
   D FLIP-FLOP
SY100S331 MICREL-SY100S331 Datasheet
110Kb / 7P
   TRIPLE D FLIP-FLOP
logo
Motorola, Inc
SN54LS175 MOTOROLA-SN54LS175 Datasheet
171Kb / 5P
   QUAD D FLIP-FLOP
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273 Datasheet
187Kb / 7P
   OCTAL D FLIP-FLOP
May, 2001 ??Rev. 5
logo
Integral Corp.
IN74HC574 INTEGRAL-IN74HC574 Datasheet
112Kb / 5P
   Noninverting D Flip-Flop
logo
Micrel Semiconductor
SY100S331 MICREL-SY100S331_10 Datasheet
424Kb / 6P
   TRIPLE D FLIP-FLOP
logo
ON Semiconductor
NL17SZ74 ONSEMI-NL17SZ74 Datasheet
108Kb / 12P
   Single D Flip Flop
May, 2002 ??Rev. 2
NL17SZ74 ONSEMI-NL17SZ74_15 Datasheet
85Kb / 6P
   Single D Flip Flop
June, 2015 ??Rev. 11
logo
Fairchild Semiconductor
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
   Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
logo
Micrel Semiconductor
SY100S351 MICREL-SY100S351_06 Datasheet
96Kb / 8P
   HEX D FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com