Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC7824ACD2T Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC7824ACD2T
Description  THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC7824ACD2T Datasheet(HTML) 1 Page - Motorola, Inc

  MC7824ACD2T Datasheet HTML 1Page - Motorola, Inc MC7824ACD2T Datasheet HTML 2Page - Motorola, Inc MC7824ACD2T Datasheet HTML 3Page - Motorola, Inc MC7824ACD2T Datasheet HTML 4Page - Motorola, Inc MC7824ACD2T Datasheet HTML 5Page - Motorola, Inc MC7824ACD2T Datasheet HTML 6Page - Motorola, Inc MC7824ACD2T Datasheet HTML 7Page - Motorola, Inc MC7824ACD2T Datasheet HTML 8Page - Motorola, Inc MC7824ACD2T Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SEMICONDUCTOR
TECHNICAL DATA
Order this document by MC7800/D
MC7800,
MC7800A, LM340,
LM340A Series
D2T SUFFIX
PLASTIC PACKAGE
CASE 936
(D2PAK)
THREE–TERMINAL
POSITIVE FIXED
VOLTAGE REGULATORS
STANDARD APPLICATION
A common ground is required between the
input and the output voltages. The input voltage
must remain typically 2.0 V above the output
voltage even during the low point on the input
ripple voltage.
XX,
MC78XX
Input
Cin*
0.33
µF
CO**
Output
Pin 1. Input
2. Ground
3. Output
T SUFFIX
PLASTIC PACKAGE
CASE 221A
Heatsink surface
connected to Pin 2.
Heatsink surface (shown as terminal 4 in
case outline drawing) is connected to Pin 2.
3
1
2
3
1
2
These two digits of the type number
indicate nominal voltage.
Cin is required if regulator is located an
appreciable distance from power supply
filter.
CO is not needed for stability; however,
it does improve transient response. Values
of less than 0.1
µF could cause instability.
*
**
1
MOTOROLA ANALOG IC DEVICE DATA
Three-Terminal Positive
Voltage Regulators
These voltage regulators are monolithic integrated circuits designed as
fixed–voltage regulators for a wide variety of applications including local,
on–card regulation. These regulators employ internal current limiting,
thermal shutdown, and safe–area compensation. With adequate heatsinking
they can deliver output currents in excess of 1.0 A. Although designed
primarily as a fixed voltage regulator, these devices can be used with
external components to obtain adjustable voltages and currents.
Output Current in Excess of 1.0 A
No External Components Required
Internal Thermal Overload Protection
Internal Short Circuit Current Limiting
Output Transistor Safe–Area Compensation
Output Voltage Offered in 2% and 4% Tolerance
Available in Surface Mount D2PAK and Standard 3–Lead Transistor
Packages
Previous Commercial Temperature Range has been Extended to a
Junction Temperature Range of –40
°C to +125°C
DEVICE TYPE/NOMINAL OUTPUT VOLTAGE
MC7805AC
50 V
MC7812C
12 V
LM340AT–5
50 V
LM340T–12
12 V
MC7805C
5.0 V
MC7815AC
15 V
LM340T–5
LM340AT–15
15 V
MC7806AC
60 V
MC7815C
15 V
MC7806C
6.0 V
LM340T–15
MC7808AC
80 V
MC7818AC
18 V
MC7808C
8.0 V
MC7818C
18 V
MC7809C
9.0 V
MC7824AC
24 V
MC7812AC
12 V
MC7824C
24 V
LM340AT–12
12 V
ORDERING INFORMATION
Device
Output Voltage
Tolerance
Operating
Temperature Range
Package
MC78XXACT
2%
T40
°
125
°C
Insertion Mount
LM340AT–XX
2%
T40
°
125
°C
Insertion Mount
MC78XXACD2T
TJ = –40° to +125°C
Surface Mount
MC78XXCT
4%
TJ = –40° to +125°C
Insertion Mount
LM340T–XX
4%
Insertion Mount
MC78XXCD2T
Surface Mount
XX indicates nominal voltage.
© Motorola, Inc. 1997
Rev 5


Similar Part No. - MC7824ACD2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7824ACT ONSEMI-MC7824ACT Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
logo
Fairchild Semiconductor
MC7824ACT FAIRCHILD-MC7824ACT Datasheet
225Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
MC7824ACT FAIRCHILD-MC7824ACT Datasheet
226Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
ON Semiconductor
MC7824ACT ONSEMI-MC7824ACT Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
MC7824ACT ONSEMI-MC7824ACT Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
More results

Similar Description - MC7824ACD2T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com