Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM6226BBXJ20 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MCM6226BBXJ20
Description  128K x 8 Bit Static Random Access Memory
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6226BBXJ20 Datasheet(HTML) 7 Page - Motorola, Inc

  MCM6226BBXJ20 Datasheet HTML 1Page - Motorola, Inc MCM6226BBXJ20 Datasheet HTML 2Page - Motorola, Inc MCM6226BBXJ20 Datasheet HTML 3Page - Motorola, Inc MCM6226BBXJ20 Datasheet HTML 4Page - Motorola, Inc MCM6226BBXJ20 Datasheet HTML 5Page - Motorola, Inc MCM6226BBXJ20 Datasheet HTML 6Page - Motorola, Inc MCM6226BBXJ20 Datasheet HTML 7Page - Motorola, Inc MCM6226BBXJ20 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MCM6226BB
7
MOTOROLA FAST SRAM
32 LEAD
400 MIL SOJ
CASE 857A–02
S
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
G
-T-
0.10 (0.004)
SEATING
PLANE
R
-B-
P
0.17 (0.007) S
T
SS
B
A
0.17 (0.007) S
T
S
S
A
B
0.17 (0.007) S
T
S
A
B
0.25 (0.010) S
T
S
S
B
A
-A-
L
32
17
16
1
K
D 32 PL
DETAIL Z
RADIUS
F 32 PL
N
NOTE 3
NOTE 3
DETAIL Z
S
C
E
A
B
C
D
E
F
G
K
L
N
P
R
S
20.83
10.03
3.26
0.41
2.24
0.67
0.89
0.76
11.05
9.27
0.77
21.08
10.29
3.75
0.50
2.48
0.81
1.14
1.14
11.30
9.52
1.01
0.820
0.395
0.128
0.016
0.088
0.026
0.035
0.030
0.435
0.365
0.030
0.830
0.405
0.148
0.020
0.098
0.032
0.045
0.045
0.445
0.375
0.040
1.27 BSC
0.64 BSC
0.050 BSC
0.025 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. TO BE DETERMINED AT PLANE -T-.
4. DIMENSION A & B DO NOT INCLUDE MOLD
PROTRUSION. MOLD PROTRUSION SHALL NOT
EXCEED 0.15 (0.006) PER SIDE.
5. DIMENSION A & B INCLUDE MOLD MISMATCH AND
ARE DETERMINED AT THE PARTING LINE.
PACKAGE DIMENSIONS


Similar Part No. - MCM6226BBXJ20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6227A MOTOROLA-MCM6227A Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227AWJ20 MOTOROLA-MCM6227AWJ20 Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227AWJ20R2 MOTOROLA-MCM6227AWJ20R2 Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227AWJ25 MOTOROLA-MCM6227AWJ25 Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227AWJ25R2 MOTOROLA-MCM6227AWJ25R2 Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
More results

Similar Description - MCM6226BBXJ20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6726C MOTOROLA-MCM6726C Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6341 MOTOROLA-MCM6341 Datasheet
124Kb / 10P
   128K x 24 Bit Static Random Access Memory
MCM6926A MOTOROLA-MCM6926A Datasheet
122Kb / 8P
   128K x 9 Bit Fast Static Random Access Memory
MCM6706B MOTOROLA-MCM6706B Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706CR MOTOROLA-MCM6706CR Datasheet
106Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706R MOTOROLA-MCM6706R Datasheet
151Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6246 MOTOROLA-MCM6246 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6706AR MOTOROLA-MCM6706AR Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706BR MOTOROLA-MCM6706BR Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com