Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EP111U Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100EP111U
Description  2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP111U Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100EP111U_11 Datasheet HTML 1Page - Micrel Semiconductor SY100EP111U_11 Datasheet HTML 2Page - Micrel Semiconductor SY100EP111U_11 Datasheet HTML 3Page - Micrel Semiconductor SY100EP111U_11 Datasheet HTML 4Page - Micrel Semiconductor SY100EP111U_11 Datasheet HTML 5Page - Micrel Semiconductor SY100EP111U_11 Datasheet HTML 6Page - Micrel Semiconductor SY100EP111U_11 Datasheet HTML 7Page - Micrel Semiconductor SY100EP111U_11 Datasheet HTML 8Page - Micrel Semiconductor SY100EP111U_11 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Precision Edge®
SY100EP111U
Micrel, Inc.
M9999-021511
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY100EP111UTI
T32-1
Industrial
100EP111UTI
Sn-Pb
SY100EP111UTITR(2)
T32-1
Industrial
100EP111UTI
Sn-Pb
SY100EP111UTG(3)
T32-1
Industrial
100EP111UTG with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100EP111UTGTR(2, 3)
T32-1
Industrial
100EP111UTG with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100EP111UTGTX(2, 4)
T32-1
Industrial
100EP111UTG with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
4. EIA specification orientation.
32 31 30 29 28 27 26 25
910 11 1213 1415 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VCC
CLK_SEL
CLK0
/CLK0
VBB
CLK1
/CLK1
VEE
Q3
/Q3
Q4
/Q4
Q5
/Q5
Q6
/Q6
Top View
TQFP
T32-1
32-Pin TQFP (T32-1)
Pin
Function
CLK0, /CLK0
LVPECL, LVECL, HSTL Clock Inputs:
CLK0 input includes a 75kΩ pull-down. Default
is low if left floating. /CLK0 includes an internal
75kΩ pull-up and pull-down. Default state is
V
CC/2.
CLK1, /CLK1
LVPECL, LVECL, HSTL Clock Inputs:
CLK input includes a 75kΩ pull-down. Default
is low if left floating. /CLK includes an internal
75kΩ pull-up and pull-down. Default state is
VCC/2.
Q0 to Q9
LVPECL/LVECL Outputs.
/Q0 to /Q9
Complementary LVPECL/LVECL Outputs.
CLK_SEL
LVPECL/LVECL Clock Select Input: Internal
75kΩ resistor connected to VEE. When left
floating, the default condition is LOW.
V
BB
Reference Voltage: AC coupled or single-
ended input applications.
V
CC
Positive Power Supply: Bypass with 0.1µF//
0.01µF low ESR capacitors.
V
EE
Negative Power Supply: LVPECL operation,
connect to GND.
PIN NAMES
CLK_SEL
Active Input
0
CLK0, /CLK0
1
CLK1, /CLK1
FUNCTION TABLE


Similar Part No. - SY100EP111U_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP111UTI MICREL-SY100EP111UTI Datasheet
95Kb / 9P
   2.5 V/ 3.3V 1:10 DIFFERENTIAL LVPECL /LVECL/HSTL CLOCK DRIVER
SY100EP111UTITR MICREL-SY100EP111UTITR Datasheet
95Kb / 9P
   2.5 V/ 3.3V 1:10 DIFFERENTIAL LVPECL /LVECL/HSTL CLOCK DRIVER
More results

Similar Description - SY100EP111U_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP210U MICREL-SY100EP210U Datasheet
132Kb / 9P
   2.5V/3.3V DUAL 1:5 DIFFERENTIAL LVECL/LVPECL/HSTL CLOCK DRIVER
SY100EP111U MICREL-SY100EP111U Datasheet
95Kb / 9P
   2.5 V/ 3.3V 1:10 DIFFERENTIAL LVPECL /LVECL/HSTL CLOCK DRIVER
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Micrel Semiconductor
SY100EP14AU MICREL-SY100EP14AU Datasheet
211Kb / 8P
   2.5V/3.3V 1:5 LVPECL/LVECL/HSTL 2GHz Clock Driver With 2:1 Differential Input MUX
logo
Maxim Integrated Produc...
MAX9316 MAXIM-MAX9316 Datasheet
214Kb / 12P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
19-2237; Rev 0; 10/01
MAX9311 MAXIM-MAX9311 Datasheet
377Kb / 12P
   1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
MAX9316A MAXIM-MAX9316A Datasheet
183Kb / 11P
   1:5 Differential LVPECL/LVECL/ HSTL Clock and Data Driver
19-2648; Rev 0; 10/02
MAX9326 MAXIM-MAX9326 Datasheet
316Kb / 12P
   1:9 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 2; 10/02
MAX9315 MAXIM-MAX9315 Datasheet
125Kb / 11P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 1; 11/04
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111_06 Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com