Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EP195VTITR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100EP195VTITR
Description  3.3V/5V 2.5GHz PROGRAMMABLE DELAY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP195VTITR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100EP195VTITR Datasheet HTML 1Page - Micrel Semiconductor SY100EP195VTITR Datasheet HTML 2Page - Micrel Semiconductor SY100EP195VTITR Datasheet HTML 3Page - Micrel Semiconductor SY100EP195VTITR Datasheet HTML 4Page - Micrel Semiconductor SY100EP195VTITR Datasheet HTML 5Page - Micrel Semiconductor SY100EP195VTITR Datasheet HTML 6Page - Micrel Semiconductor SY100EP195VTITR Datasheet HTML 7Page - Micrel Semiconductor SY100EP195VTITR Datasheet HTML 8Page - Micrel Semiconductor SY100EP195VTITR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
ECL Pro®
SY100EP195V
Micrel, Inc.
M9999-120505
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
VEE
D0
VCC
Q
/Q
VCC
VCC
NC
D8
D9
D10
IN
/IN
VBB
VEF
VCF
32 31 30 29 28 27 26 25
910 11 1213141516
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
32-Pin TQFP (T32-1)
FUNCTIONAL BLOCK DIAGRAM
512
GD
0
1
256
GD
0
1
128
GD
0
1
64
GD
0
1
32
GD
0
1
16
GD
D[9:0]
LEN
IN
/IN
/EN
SETMIN
SETMAX
D[10]
0
1
8
GD
0
1
4
GD
0
1
2
GD
0
1
1
GD
0
1
1
GD
Q
/Q
0
1
CASCADE
/CASCADE
10-bit
Latch
Latch
VBB
VCF
VEF
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY100EP195VTI
T32-1
Industrial
SY100EP195V
Sn-Pb
SY100EP195VTITR(2)
T32-1
Industrial
SY100EP195V
Sn-Pb
SY100EP195VTG(3)
T32-1
Industrial
SY100EP195V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100EP195VTGTR(2, 3)
T32-1
Industrial
SY100EP195V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.


Similar Part No. - SY100EP195VTITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP195VTITR MICREL-SY100EP195VTITR Datasheet
234Kb / 18P
   3.3V/5V 2.5GHz PROGRAMMABLE DELAY CHIP
More results

Similar Description - SY100EP195VTITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP195V MICREL-SY100EP195V Datasheet
234Kb / 18P
   3.3V/5V 2.5GHz PROGRAMMABLE DELAY CHIP
SY100EP196V_0607 MICREL-SY100EP196V_0607 Datasheet
640Kb / 18P
   3.3V/5V 2.5GHz PROGRAMMABLE DELAY WITH FINE TUNE CONTROL
SY100EP196V MICREL-SY100EP196V Datasheet
619Kb / 18P
   3.3V/5V 2.5GHz PROGRAMMABLE DELAY WITH FINE TUNE CONTROL
logo
ON Semiconductor
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC10E196 ONSEMI-MC10E196_06 Datasheet
158Kb / 12P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 9
MC10E195 ONSEMI-MC10E195_06 Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
logo
Micrel Semiconductor
SY89306 MICREL-SY89306_06 Datasheet
53Kb / 6P
   3.3V/5V 2.5GHz PECL/ECL DIFFERENTIAL RECEIVER/BUFFER
logo
ON Semiconductor
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com