Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EP111U Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY100EP111U
Description  2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP111U Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY100EP111U Datasheet HTML 1Page - Micrel Semiconductor SY100EP111U Datasheet HTML 2Page - Micrel Semiconductor SY100EP111U Datasheet HTML 3Page - Micrel Semiconductor SY100EP111U Datasheet HTML 4Page - Micrel Semiconductor SY100EP111U Datasheet HTML 5Page - Micrel Semiconductor SY100EP111U Datasheet HTML 6Page - Micrel Semiconductor SY100EP111U Datasheet HTML 7Page - Micrel Semiconductor SY100EP111U Datasheet HTML 8Page - Micrel Semiconductor SY100EP111U Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Precision Edge®
SY100EP111U
Micrel, Inc.
M9999-021511
hbwhelp@micrel.com or (408) 955-1690
TA = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VIH
Input HIGH Voltage
1200
1200
1200
mV
VIL
Input LOW Voltage
400
400
400
mV
VX
Input Crossover Voltage
680
900
680
900
680
900
mV
HSTL DC ELECTRICAL CHARACTERISTICS
VCC = 2.375V to 3.8V; VEE = 0V
TA = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
V
IL
Input LOW Voltage
–1945
–1625 –1945
–1625 –1945
–1625
mV
(Single-ended)
V
IH
Input HIGH Voltage
–1165
–0880 –1165
–0880 –1165
–0880
mV
(Single-ended)
V
OL
Output LOW Voltage
–1945 –1820 –1695 –1945 –1820 –1695 –1945 –1820 –1695
mV 50Ω to VCC–2V
V
OH
Output HIGH Voltage
–1145 –1020 –0895 –1145 –1020 –0895 –1145 –1020 –0895
mV 50Ω to VCC–2V
V
BB
Output Reference Voltage(2) –1525 –1425 –1325 –1525 –1425 –1325 –1525 –1425 –1325
mV
V
IHCMR
Input HIGH Voltage
VEE +1.2
0.0
VEE +1.2
0.0
VEE +1.2
0.0
V
Common Mode Range(3)
Note 1.
100KEP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
Note 2.
Single-ended input operation is limited V
EE ≤ –3.0V in LVECL mode.
Note 3.
VIHCMR (min) varies 1:1 with VEE. The VIHCMR range is referenced to the most positive side of the differential input signal.
LVECL DC ELECTRICAL CHARACTERISTICS(1)
VEE = –2.375V to –3.8V; VCC = 0V


Similar Part No. - SY100EP111U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U Datasheet
95Kb / 9P
   2.5 V/ 3.3V 1:10 DIFFERENTIAL LVPECL /LVECL/HSTL CLOCK DRIVER
SY100EP111UTI MICREL-SY100EP111UTI Datasheet
95Kb / 9P
   2.5 V/ 3.3V 1:10 DIFFERENTIAL LVPECL /LVECL/HSTL CLOCK DRIVER
SY100EP111UTITR MICREL-SY100EP111UTITR Datasheet
95Kb / 9P
   2.5 V/ 3.3V 1:10 DIFFERENTIAL LVPECL /LVECL/HSTL CLOCK DRIVER
More results

Similar Description - SY100EP111U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP210U MICREL-SY100EP210U Datasheet
132Kb / 9P
   2.5V/3.3V DUAL 1:5 DIFFERENTIAL LVECL/LVPECL/HSTL CLOCK DRIVER
SY100EP111U MICREL-SY100EP111U Datasheet
95Kb / 9P
   2.5 V/ 3.3V 1:10 DIFFERENTIAL LVPECL /LVECL/HSTL CLOCK DRIVER
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Micrel Semiconductor
SY100EP14AU MICREL-SY100EP14AU Datasheet
211Kb / 8P
   2.5V/3.3V 1:5 LVPECL/LVECL/HSTL 2GHz Clock Driver With 2:1 Differential Input MUX
logo
Maxim Integrated Produc...
MAX9316 MAXIM-MAX9316 Datasheet
214Kb / 12P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
19-2237; Rev 0; 10/01
MAX9311 MAXIM-MAX9311 Datasheet
377Kb / 12P
   1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
MAX9316A MAXIM-MAX9316A Datasheet
183Kb / 11P
   1:5 Differential LVPECL/LVECL/ HSTL Clock and Data Driver
19-2648; Rev 0; 10/02
MAX9326 MAXIM-MAX9326 Datasheet
316Kb / 12P
   1:9 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 2; 10/02
MAX9315 MAXIM-MAX9315 Datasheet
125Kb / 11P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 1; 11/04
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111_06 Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com