Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EL1003ZITR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100EL1003ZITR
Description  LASER DIODE DRIVER WITH OUTPUT ENABLE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL1003ZITR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100EL1003ZITR Datasheet HTML 1Page - Micrel Semiconductor SY100EL1003ZITR Datasheet HTML 2Page - Micrel Semiconductor SY100EL1003ZITR Datasheet HTML 3Page - Micrel Semiconductor SY100EL1003ZITR Datasheet HTML 4Page - Micrel Semiconductor SY100EL1003ZITR Datasheet HTML 5Page - Micrel Semiconductor SY100EL1003ZITR Datasheet HTML 6Page - Micrel Semiconductor SY100EL1003ZITR Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
SY100EL1003
Micrel, Inc.
M9999-031306
hbwhelp@micrel.com or (408) 955-1690
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ. Max. Unit
tpd D
Propagation Delay
——
1000
——
1000
——
1000
——
1000
ps
D - OUT
tpd EN
Propogation Delay
——
1000
——
1000
——
1000
——
1000
ps
EN - OUT
tr
Rise/Fall Time
——
400
——
400
——
400
——
400
ps
tf
(20% to 80%)
DC ELECTRICAL CHARACTERISTICS(1)
VCC = VCCO = 0V; VEE = -5.0V
± 5%
VImod = –1.5V; VCC = VCCO = 0V; VEE = –5V
± 5%
Notes:
1. RSET = 10
Ω ± 1%
2. VI = VIL(Min.)
3. VImod = VCC
4. VImod = -3.5V
5. VLmod = -0.8V
6. IOH = 5 to 60mA
AC ELECTRICAL CHARACTERISTICS(1)
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max. Unit
VIH
Input HIGH Voltage
-1165
-880
-1165
-880
-1165
-880
-1165
-880
mV
(D, EN)
VIL
Input LOW Voltage
-1810
-1475
-1810
-1475 -1810
-1475 -1810
-1475
mV
(D, EN)
VImod
Input Voltage
VEE
VCC
VEE
VCC
VEE
VCC
VEE
VCC
V
(Modulation Control)
VBB
Output Reference
-1380
-1260
-1380
-1260 -1380
-1260 -1380
-1260
mV
Voltage
IIH
Input HIGH Current
——
150
——
150
——
150
——
150
µA
(D, EN)
IImod
Input Current
——
150
——
150
——
150
——
150
µA
(Modulation Control)
IIL
Input LOW Current(2)
0.5
——
0.5
——
0.5
——
0.5
——
µA
(D, EN)
ICC
Supply Current(3)
8
14
25
8
14
25
8
14
25
8
14
25
mA
IOH
Output HIGH Current(4)
60
64
68
60
64
68
60
64
68
60
64
68
mA
(EN LOW)(5)
——
5
——
5
——
5
——
5
IOL
Output LOW Current
——
500
——
500
——
500
——
500
µA
(EN HIGH)
IOR
Output Current Ringing(6)
——
10
——
10
——
10
——
10
%
IOmod
Laser Diode Modulation
5
60
5
60
5
60
5
60
mA
Current Range
Note:
1. RSET = 10
Ω ± 1%, REXT = RSER = 50Ω ± 1%


Similar Part No. - SY100EL1003ZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL1003ZC MICREL-SY100EL1003ZC Datasheet
92Kb / 6P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
SY100EL1003ZCTR MICREL-SY100EL1003ZCTR Datasheet
92Kb / 6P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
More results

Similar Description - SY100EL1003ZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88822V MICREL-SY88822V Datasheet
63Kb / 5P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
SY100EL1003 MICREL-SY100EL1003 Datasheet
92Kb / 6P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88902 MICREL-SY88902 Datasheet
79Kb / 8P
   LASER DIODE DRIVER WTIH OUTPUT ENABLE
SY88702 MICREL-SY88702 Datasheet
56Kb / 5P
   5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802 MICREL-SY88802 Datasheet
77Kb / 5P
   5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88722V MICREL-SY88722V Datasheet
56Kb / 5P
   5V/3.3V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88822V MICREL-SY88822V_05 Datasheet
56Kb / 5P
   5V/3.3V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
logo
National Semiconductor ...
LMH6525 NSC-LMH6525 Datasheet
905Kb / 15P
   Four-hannel Laser Diode Driver with Dual Output
logo
Renesas Technology Corp
ISL58303 RENESAS-ISL58303 Datasheet
179Kb / 2P
   800mA Triple Output Laser Diode Driver
logo
Texas Instruments
LMH6525 TI1-LMH6525 Datasheet
1Mb / 25P
[Old version datasheet]   LMH6525/LMH6526 Four?밅hannel Laser Diode Driver with Dual Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com