Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EL1003ZG Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100EL1003ZG
Description  LASER DIODE DRIVER WITH OUTPUT ENABLE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL1003ZG Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100EL1003ZG Datasheet HTML 1Page - Micrel Semiconductor SY100EL1003ZG Datasheet HTML 2Page - Micrel Semiconductor SY100EL1003ZG Datasheet HTML 3Page - Micrel Semiconductor SY100EL1003ZG Datasheet HTML 4Page - Micrel Semiconductor SY100EL1003ZG Datasheet HTML 5Page - Micrel Semiconductor SY100EL1003ZG Datasheet HTML 6Page - Micrel Semiconductor SY100EL1003ZG Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
SY100EL1003
Micrel, Inc.
M9999-031306
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
s Up to 1.25Gbps operation
s 75mA peak drive current
s Separate modulation control
s Separate output enable for laser safety
s Differential inputs for data
s 75K
input pulldown resistor
s Single power supply
s Available in 16-pin SOIC package
The SY100EL1003 is a high speed current source for
driving a semiconductor laser diode in optical transmission
applications. The output current modulation is DC –
voltage controlled. The modulation current is disabled
when output enable is HIGH.
The device incorporates complementary open collector
outputs with a capability of driving peak current of 75mA.
The laser driver current is adjustable by selection of RSET.
The resistor REXT must be placed between OUT and
VCC to dissipate the worst case power. RSER is
recommended to fix laser diode matching issues.
The SY100EL1003 utilizes the high performance
bipolar ASSET technology.
FEATURES
LASER DIODE DRIVER
WITH OUTPUT ENABLE
SY100EL1003
BLOCK DIAGRAM
D
EN
VCC
REXT
OUT
OUT
VBB
RSET
VEE
RSER
to Laser Diode
MC
Modulation Control
D
Internal Logic
BIAS
Control
RSET
1
Rev.: H
Amendment: /0
Issue Date:
March 2006


Similar Part No. - SY100EL1003ZG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL1003ZC MICREL-SY100EL1003ZC Datasheet
92Kb / 6P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
SY100EL1003ZCTR MICREL-SY100EL1003ZCTR Datasheet
92Kb / 6P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
More results

Similar Description - SY100EL1003ZG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88822V MICREL-SY88822V Datasheet
63Kb / 5P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
SY100EL1003 MICREL-SY100EL1003 Datasheet
92Kb / 6P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88902 MICREL-SY88902 Datasheet
79Kb / 8P
   LASER DIODE DRIVER WTIH OUTPUT ENABLE
SY88702 MICREL-SY88702 Datasheet
56Kb / 5P
   5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802 MICREL-SY88802 Datasheet
77Kb / 5P
   5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88722V MICREL-SY88722V Datasheet
56Kb / 5P
   5V/3.3V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88822V MICREL-SY88822V_05 Datasheet
56Kb / 5P
   5V/3.3V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
logo
National Semiconductor ...
LMH6525 NSC-LMH6525 Datasheet
905Kb / 15P
   Four-hannel Laser Diode Driver with Dual Output
logo
Renesas Technology Corp
ISL58303 RENESAS-ISL58303 Datasheet
179Kb / 2P
   800mA Triple Output Laser Diode Driver
logo
Texas Instruments
LMH6525 TI1-LMH6525 Datasheet
1Mb / 25P
[Old version datasheet]   LMH6525/LMH6526 Four?밅hannel Laser Diode Driver with Dual Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com