Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF3765IRHBR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TRF3765IRHBR
Description  Integer-N/Fractional-N PLL with Integrated VCO
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF3765IRHBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TRF3765IRHBR Datasheet HTML 3Page - Texas Instruments TRF3765IRHBR Datasheet HTML 4Page - Texas Instruments TRF3765IRHBR Datasheet HTML 5Page - Texas Instruments TRF3765IRHBR Datasheet HTML 6Page - Texas Instruments TRF3765IRHBR Datasheet HTML 7Page - Texas Instruments TRF3765IRHBR Datasheet HTML 8Page - Texas Instruments TRF3765IRHBR Datasheet HTML 9Page - Texas Instruments TRF3765IRHBR Datasheet HTML 10Page - Texas Instruments TRF3765IRHBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
−160
−150
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
1k
10k
100k
1M
10M
40M
Frequency (Hz)
TA = −40°C
TA = 25°C
TA = 85°C
Note: At 25°C
1kHz
= −49.8
10kHz = −83
100kHz = −109.6
1MHz
= −130.1
10MHz = −149
*See Note 1
VCO Frequency = 2650 MHz
VCO_SEL = 0
VCC_TK = 3.3 V
G001
−160
−150
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
1k
10k
100k
1M
10M
40M
Frequency (Hz)
TA = −40°C
TA = 25°C
TA = 85°C
Note: At 25°C
1kHz
= −45.1
10kHz = −81.6
100kHz = −107.9
1MHz
= −128.1
10MHz = −147.3
*See Note 1
VCO Frequency = 3400 MHz
VCO_SEL = 1
VCC_TK = 3.3 V
G002
−160
−150
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
1k
10k
100k
1M
10M
40M
Frequency (Hz)
TA = −40°C
TA = 25°C
TA = 85°C
Note: At 25°C
1kHz
= −50.7
10kHz = −83.31
100kHz = −107.9
1MHz
= −128.0
10MHz = −146.9
*See Note 1
VCO Frequency = 4000 MHz
VCO_SEL = 2
VCC_TK = 3.3 V
G003
−160
−150
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
1k
10k
100k
1M
10M
40M
Frequency (Hz)
TA = −40°C
TA = 25°C
TA = 85°C
Note: At 25°C
1kHz
= −38.3
10kHz = −70.6
100kHz = −104.2
1MHz
= −125.5
10MHz = −145.2
*See Note 1
VCO Frequency = 4800 MHz
VCO_SEL = 3
VCC_TK = 3.3 V
G004
TRF3765
www.ti.com
SLWS230C
– SEPTEMBER 2011 – REVISED JANUARY 2012
TYPICAL CHARACTERISTICS
At TA = +25°C, VCC = 3.3 V, VCC_TK = 3.3 V, LO_Out_1 (single ended), buffer 2, 3, 4 = off, VCO_BIAS = 400 µA;
BUFOUT_BIAS = 600
µA, all other registers set per recommended programming in Serial Programming Interface Register
Definitions section, and standard operating condition, unless otherwise noted.
OPEN-LOOP PHASE NOISE vs TEMPERATURE
OPEN-LOOP PHASE NOISE vs TEMPERATURE
(VCO_SEL = 0 and VCC_TK = 3.3 V)
(VCO_SEL = 1 and VCC_TK = 3.3 V)
Figure 1.
Figure 2.
OPEN-LOOP PHASE NOISE vs TEMPERATURE
OPEN-LOOP PHASE NOISE vs TEMPERATURE
(VCO_SEL = 2 and VCC_TK = 3.3 V)
(VCO_SEL = 3 and VCC_TK = 3.3 V)
Figure 3.
Figure 4.
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TRF3765


Similar Part No. - TRF3765IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3765IRHBR TI1-TRF3765IRHBR Datasheet
1Mb / 52P
[Old version datasheet]   Integer-N/Fractional-N PLL With Integrated VCO
More results

Similar Description - TRF3765IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3765 TI1-TRF3765_15 Datasheet
1Mb / 52P
[Old version datasheet]   Integer-N/Fractional-N PLL With Integrated VCO
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3762 TI-TRF3762 Datasheet
1Mb / 33P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI-TRF3761_07 Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI1-TRF3761 Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
   Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
   Fractional-N PLL with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com