Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2222LT1 Datasheet(PDF) 3 Page - WILLAS ELECTRONIC CORP

Part # MMBT2222LT1
Description  General Purpose Transistors NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

MMBT2222LT1 Datasheet(HTML) 3 Page - WILLAS ELECTRONIC CORP

  MMBT2222LT1 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP MMBT2222LT1 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP MMBT2222LT1 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP MMBT2222LT1 Datasheet HTML 4Page - WILLAS ELECTRONIC CORP MMBT2222LT1 Datasheet HTML 5Page - WILLAS ELECTRONIC CORP MMBT2222LT1 Datasheet HTML 6Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Figure 1. Turn–On Time
Scope rise time < 4.0ns
*Total shunt capacitance of test jig, connectors, and oscilloscope.
1.0 k
+30 V
200
C
S*< 10 pF
1.0 k
+30 V
200
C
S
* < 10 pF
1N914
+ 16 V
–14 V
< 20 ns
<2.0 ns
– 2.0V
+ 16 V
Figure 2. Turn–Off Time
1.0 to 100
µs,
DUTY CYCLE ~ 2%
SWITCHING TIME EQUIVALENT TEST CIRCUITS
0
0
1.0 to 100
µs,
DUTY CYCLE ~ 2%
– 4.0 V
I
C , COLLECTOR CURRENT (mA)
Figure 3. DC Current Gain
I
B , BASE CURRENT (mA)
Figure 4. Collector Saturation Region
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
20
300
500
700
1.0k
1000
700
500
300
200
100
70
50
30
20
10
0.005
0.01
0.02
0.03
0.05
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
20
30
50
1.0
0.8
0.6
0.4
0.2
0
V
CE= 10 V
V
CE=1.0 V
T
J = +125°C
+25°C
–55°C
T
J = 25°C
500mA
100mA
10 mA
I
C=1.0 mA
~
~
MMBT2222LT1
MMBT2222ALT1
WILLAS


Similar Part No. - MMBT2222LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT2222LT1 MOTOROLA-MMBT2222LT1 Datasheet
253Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2222LT1 ONSEMI-MMBT2222LT1 Datasheet
181Kb / 8P
   General Purpose Transistors
September, 2004 ??Rev. 5
logo
Leshan Radio Company
MMBT2222LT1 LRC-MMBT2222LT1 Datasheet
208Kb / 5P
   General Purpose Transistors(NPN Silicon)
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Rectron Semiconductor
MMBT2222LT1 RECTRON-MMBT2222LT1 Datasheet
791Kb / 4P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
More results

Similar Description - MMBT2222LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com