Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL731H Datasheet(PDF) 2 Page - Tyco Electronics

Part # RL731H
Description  Type RL73 Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RL731H Datasheet(HTML) 2 Page - Tyco Electronics

  RL731H Datasheet HTML 1Page - Tyco Electronics RL731H Datasheet HTML 2Page - Tyco Electronics RL731H Datasheet HTML 3Page - Tyco Electronics RL731H Datasheet HTML 4Page - Tyco Electronics RL731H Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Low Ohmic - Current Sense Resistors
Type RL73 Series
2
1773269 CIS WR 02/2012
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
Characteristics - Electrical - High power version
Type
TCR
Power rating
Resistance
TDF
TD
TE
Tape
@ 70°C
Range
RLP73M1E
400PPM
0.125W
R051 - R10
1000
5000
--
Paper
RLP73N1E
300PPM
0.125W
R110 - R47
1000
5000
--
Paper
RLP73K1E
200PPM
0.125W
R51 - 1R0
1000
5000
--
Paper
RLP73M1J
400PPM
0.125W
R051 - R10
1000
5000
--
Paper
RLP73N1J
300PPM
0.125W
R110 - R47
1000
5000
--
Paper
RLP73K1J
200PPM
0.125W
R51 - 1R0
1000
5000
--
Paper
RLP73M2A
400PPM
0.25W
R051 - R10
1000
5000
--
Paper
RLP73N2A
300PPM
0.25W
R110 - R47
1000
5000
--
Paper
RLP73K2A
200PPM
0.25W
R51 - 1R0
1000
5000
--
Paper
RLP73V2B
600PPM
0.5W
R010 - R020
1000
5000
--
Paper
RLP73M2B
400PPM
0.5W
R022 - R047
1000
5000
--
Paper
RLP73N2B
300PPM
0.5W
R051 - R091
1000
5000
--
Paper
RLP73K2B
200PPM
0.5W
R10 - 1R0
1000
5000
--
Paper
RLP73V3A
600PPM
2W
R010 - R020
1000
--
4000
Plastic
RLP73M3A
400PPM
2W
R022 - R047
1000
--
4000
Plastic
RLP73N3A
300PPM
2W
R051 - R091
1000
--
4000
Plastic
RLP73K3A
200PPM
2W
R10 - 1R0
1000
--
4000
Plastic
Operating Voltage=√(P*R) ; Overload Voltage=2.5*√(P*R) ; Operating Current=√(P/R)
Maximum operating temperature -55°C to +155°C
* Recommended Circuit Board Design
For resistors operated in ambient temperatures above 70°C, power rating must be derated in accordance with this curve.
0
20
40
60
80
100
120
140
160
180
100
80
60
40
20
0
Ambient Temperature (°C)
Power Derating Curve
Characteristics - Environmental
Item
Requirement
Test Method
Temperature Coefficient
As Specification
-55°C ~ +125°C, 25°C is the reference temperature
of Resistance (TCR):
Short Time Overload:
±(0.5%+0.05Ω)
RCWV*2.5 or Max. overload voltage for 5 seconds
for higher Power rating: ±(1.0% + 0.05Ω)
Insulation Resistance:
≥10G
Max. overload voltage for 1 minute
±(1.0%+0.05Ω)
70 ±2°C, Max. working voltage for 1000 hrs with
Endurance:
1.5 hrs “ON” and 0.5 hrs “OFF”
Damp Heat with Load:
±(0.5%+0.05Ω)
40 ±2°C, 90-95% R.H. max. working voltage
for 1000 hrs with 1.5 hrs “ON” and 0.5 hrs “OFF”
Dry Heat:
±(0.5%+0.05Ω)
at +155°C for 1000 hrs
Bending Strength:
As Spec.
Bending once for 5 seconds 2010, 2512 sizes: 2mm
Other sizes: 3mm
Solderability:
95% min. coverage
245 ±5°C for 3 seconds
Resistance to Soldering Heat:
±(0.5%+0.05Ω)
260 ±5°C for 10 seconds
Voltage Proof:
No breakdown or flashover
1.42 times RCWV (RMS) for 1 minute
Leaching:
Individual leaching area ≤5%
260±5°C for 30 seconds
Total leaching area ≤10%
Thermal Shock:
±(0.5%+0.05Ω)
-55°C to +155°C, 5 cycles
Reference Standards: IEC 60115-1, 60068-2-58; JIS-C 5201-1
Storage Temperature: 25±3°C; Humidity < 80%RH


Similar Part No. - RL731H

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RL731H(0201) MACOM-RL731H(0201) Datasheet
177Kb / 5P
   Up to 2 Watts at 70째C
More results

Similar Description - RL731H

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
320 DBLECTRO-320 Datasheet
323Kb / 1P
   SCREW TYPE SERIES
logo
Tyco Electronics
HB15M0FZRE MACOM-HB15M0FZRE Datasheet
111Kb / 2P
   Type HB Series
SQMW533RJ MACOM-SQMW533RJ Datasheet
250Kb / 3P
   Type SQ Series
logo
List of Unclassifed Man...
EP3WS47RJ ETC2-EP3WS47RJ Datasheet
230Kb / 5P
   Type EP Series
logo
Tyco Electronics
CRG0603F10K MACOM-CRG0603F10K Datasheet
131Kb / 3P
   Type CRG Series
TW1102KA MACOM-TW1102KA Datasheet
72Kb / 1P
   Type TW Series
UPW50B250RV MACOM-UPW50B250RV Datasheet
363Kb / 2P
   Type UPW Series
H847K5BYA MACOM-H847K5BYA Datasheet
196Kb / 4P
   Type HOLCO Series
logo
List of Unclassifed Man...
3521150KFT ETC2-3521150KFT Datasheet
105Kb / 2P
   Type 3521 Series
logo
M/A-COM Technology Solu...
1623535-1 MA-COM-1623535-1 Datasheet
131Kb / 3P
   Type CRG Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com